công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

6TPE330MFL bảng dữ liệu(PDF) 2 Page - Panasonic Semiconductor

tên linh kiện 6TPE330MFL
Giải thích chi tiết về linh kiện  Conductive Polymer Tantalum Solid Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

6TPE330MFL bảng dữ liệu(HTML) 2 Page - Panasonic Semiconductor

  6TPE330MFL Datasheet HTML 1Page - Panasonic Semiconductor 6TPE330MFL Datasheet HTML 2Page - Panasonic Semiconductor 6TPE330MFL Datasheet HTML 3Page - Panasonic Semiconductor 6TPE330MFL Datasheet HTML 4Page - Panasonic Semiconductor 6TPE330MFL Datasheet HTML 5Page - Panasonic Semiconductor 6TPE330MFL Datasheet HTML 6Page - Panasonic Semiconductor 6TPE330MFL Datasheet HTML 7Page - Panasonic Semiconductor 6TPE330MFL Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TPE (B size) series
*1: Ripple current (100 kHz / +45
℃)
*2: ESR (100 kHz / +20
℃)
*3: tan δ (120 Hz / +20
℃)
*4: After 5 minutes
◆ Please refer to each page in this catarog for “Reflow conditions” ,“Taping specifications” and "Floor life level" .
◆ Small order quantity (500 pcs/reel) is available with TPE series. Please contact our sales representative if you prefer it.
Not recommended for new design
3
3
3
3
3
3
3
3
2300
2000
1800
2000
2000
2000
2300
0.10
0.08
0.08
0.08
0.08
3200
1400
3200
2700
B2
B2
B2
B2
0.08
0.08
0.08
470
330
950
950
1300
1200
1400
1600
950
1350
1400
1400
1400
1400
0.08
0.08
1400
2700
2450
40
0.08
25
0.08
35
0.08
35
0.08
0.08
0.08
1400
35
1150
45
0.10
0.10
0.08
0.08
35
35
30
35
9/300kHz
9/300kHz
15
15
18
70
40
45
35
25
70
35
35
35
0.08
0.08
0.08
40.0
110.0
110.0
55.0
55.0
55.0
55.0
55.0
82.5
165.0
165.0
165.0
40.0
165.0
165.0
0.08
0.08
0.08
0.08
0.08
80.0
47.0
6TPE100MWB
6TPE100MVB
6TPE120MAZB
6TPE150MAPB
6TPE220MBB
6TPE220MZB
8TPE100MAZB
10TPE47MAZB
63.0
63.0
75.6
94.5
ETPE330MAFB
ETPE330MFB
ETPE330MIB
0.08
0.08
2000
2000
2000
2000
2000
2000
2000
2000
138.6
138.6
63.0
4TPE100MZB
4TPE100MBB
6TPE100MBB
60.0
88.0
88.0
88.0
88.0
63.0 6TPE100MPB
2000
63.0 6TPE100MAZB
2000
2000
2000
2R5TPE220MFGB
2R5TPE220MLB
2R5TPE220MAPB
2R5TPE220MZB
2R5TPE220MAZB
2R5TPE220MUB
2R5TPE330MAZB
ETPE330MA9GB
ETPE330M9GB
4TPE100MWB
2000
4TPE150MAZB
2000
4TPE220MAZB
2000
4TPE220MZB
2000
4TPE220MVB
2000
4TPE220MBB
2000
1.9
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2000
2TPE330MAFB
2TPE330MADGB
2TPE470MAFB
2TPE470MAJGB
2R5TPE220MAFB
330
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
330
330
100
1.9
2.8
2.8 1.9
3.5
2.8
2.8
3.5 2.8 1.9
4.0
1.9
105
105
105
2.5
3.5 2.8 1.9
3.5 2.8
3.5 2.8 1.9
85
6.3
6.3
6.3
8.0
85
105
105
85
85
85
85
85
105
105
85
105
85
105
85
85
105
85
4.0
105
105
105
105
105
105
85
105
105
105
105
105
105
105
105
105
105
105
105
105
6.3
105
105
2.5
2.8
2.8
3.5
105
2.0
1.8
1.8
1.8
1.8
2.0
2.5
2.5
2.0
2.5
2.0
2.5
2.0
2.0
2.5
2.0
105
105
105
105
1.9
1.9
3.5 2.8
3.5 2.8
3.5 2.8
3.5 2.8
1.9
1.9
1.9
1.9
3.5 2.8
3.5 2.8
15
15/300kHz
21
25
3.5 2.8
1700
1600
47
1.9
3.5 2.8
3.5 2.8
3.5 2.8
3.5 2.8
1.9
1.9
1.9
1.9
3.5 2.8
3.5 2.8
3.5 2.8
3.5
1.9
1.9
1.9
Part number
LC*4
(μA)
Should a safety concern arise regarding this product, please be sure to contact us immediately.
28-Apr-22
105
105
105
6.3
5.0
5.0
105
85
10
3.5 2.8
1400
8.0
3.5 2.8
3.5 2.8
3.5 2.8 1.9
188.0
188.0
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Cate-
gory
voltage
(V)
Rated
temper-
ature
(
℃)
Rated
voltage
(V)
Rated
capaci-
tance
(μF)
Case size
2TPE330MFB
0.08
0.08
0.10
105
105
105
2.0
3.5 2.8
0.10
0.08
H
1.9
1.9
W
Specifications
Standard
Reflow
temp
≦250℃
Reflow
temp
≦260℃
Floor life
level
(mm)
L
Cate-
gory
temper-
ature
(
℃)
70
tan δ*3
ESR*2
(mΩ max.)
Ripple*1
current
(mA rms)
Size
code
15
15
13/300kHz
15
11/300kHz
Min.
packaging
q'ty
(pcs)
3.5 2.8
132.0
132.0
132.0
2.5
220
4.0
100
105
4.0
105
3.5
85
3.2
105
220
3.5
105
4.0
105
3.5
3.5
2.8 1.9
1300
40.0
85
3.2
105
150 3.5 2.8 1.9
1400
35
105
4.0
105
3.5 2.8 1.9
1350
35
0.10
105
4.0
105
3.5 2.8 1.9
950
70
0.10
6.3
105
6.3
105
100
3.5 2.8 1.9
1600
105
6.3
105
3.5 2.8 1.9
1400
85
5.0
105
220
3.5 2.8 1.9
1400
85
5.0
105
3.5 2.8 1.9
1400
35
0.08
63.0 6TPE100MZB
2000
120
150
85
5.0
105
3.5 2.8 1.9
1400
35
0.08
94.5
Characteristics list
3.5 2.8 1.9
1150
45
0.10
138.6 6TPE220MVB
2000
35
0.10
138.6 6TPE220MAZB
2000
85
5.0
105
2000
6.3
6.3
105
105
105
1600
25
0.10
6TPE150MAZB
2000
3.5 2.8
3.5 2.8
138.6 6TPE220MAPB
2000
NRFND
NRFND
NRFND
NRFND
NRFND



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com