công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M65849 bảng dữ liệu(PDF) 5 Page - Mitsubishi Electric Semiconductor

tên linh kiện M65849
Giải thích chi tiết về linh kiện  SINGLE CHIP SURROUND PROCESSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITSUBISHI [Mitsubishi Electric Semiconductor]
Trang chủ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M65849 bảng dữ liệu(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M65849 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M65849 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M65849 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M65849 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M65849 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M65849 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M65849 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M65849 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M65849 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ELECTRIC
MITSUBISHI
(
/ 1 5 )
M65849BFP
MITSUBISHI SOUND PROCESSOR ICs
50SSEERRIIEESS
SINGLE CHIP SURROUND PROCESSOR
5
Operation Mode Settings.
Operation mode is controlled by the 16-bit serial data inputted in accordance with
the following timing.
• The (DATA is reading at the rising edge of the CLOCK and the last 16-bits
are loaded at the rising edge of the LATCH.
LATCH
CLOCK
DATA
4
3
5
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10 D11 D12 D13 D14 D15
Data No. Control
Control Explanation
Block
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
DELAY TIME
INPUT
SELECTOR
OUTPUT
SELECTOR
MICOUT SW
MIX VOL
FEED
BACK
Vcc
ADDRESS
This is the input selector which selects (CLOCKOFF),(L+R),
(L-R) or( MIC).
This is the output selector which selects (L+R),(L-R),
(ECHOMIX) or (NORMAL).
This is the ON/OFF switch for the Microphone signal.
There are 8 kinds of ATT. level which are from +3dB to
-15dB,-
dB(3dB step).
D14=(L),D15=(H)DATA Load,the others cancel.
There are 8 kinds of Delay Time which are
from 9.2ms to 196.6ms.
There are 8 kinds of ATT. level which are from -3dB
to -15dB,-
dB(2dB step).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com