| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FU008-A-R-SD-1.0 bảng dữ liệu(PDF) 22 Page - ABLIC Inc. |
|
|
|||||||||||||||||||||||||||||
FU008-A-R-SD-1.0 bảng dữ liệu(HTML) 22 Page - ABLIC Inc. |
|
22 / 29 page ![]() WAKE-UP TIMER IC PROGRAMMABLE WAKE-UP TIMER IC WITH BUILT-IN QUARTZ CRYSTAL S-35710M Rev.1.1_00 22 Example of Application Circuit Figure 27 Caution 1. Start communication under stable condition after turnig on the system power supply. 2. The above connection diagrams do not guarantee operation. Set the constants after performing sufficient evaluation using the actual application. |