| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FM008-A-R-SD-1.0 bảng dữ liệu(PDF) 4 Page - ABLIC Inc. |
|
|
|||||||||||||||||||||||||||||
FM008-A-R-SD-1.0 bảng dữ liệu(HTML) 4 Page - ABLIC Inc. |
|
4 / 32 page ![]() WAKE-UP TIMER IC PROGRAMMABLE WAKE-UP TIMER IC S-35710 Series Rev.1.1_00 4 Pin Configuration 1. TMSOP-8 7 6 5 8 2 3 4 1 Top view Figure 2 Table 3 List of Pins Pin No. Symbol Description I/O Configuration 1 RST _______ Input pin for reset signal Input CMOS input (S-35710B01I: with pull-up resistor S-35710C01I: without pull-up resistor) 2 XOUT Connection pins for quartz crystal − − 3 XIN 4 VSS GND pin − − 5 INT Output pin for interrupt signal Output S-35710B01I: CMOS output S-35710C01I: Nch open-drain output 6 SDA I/O pin for serial data Bi-directional Nch open-drain output, CMOS input 7 SCL Input pin for serial clock Input CMOS input 8 VDD Pin for positive power supply − − |