| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BCC0LL5 bảng dữ liệu(PDF) 2 Page - Balluff Korea Ltd. |
|
|
|||||||||||||||||||||||||||||
BCC0LL5 bảng dữ liệu(HTML) 2 Page - Balluff Korea Ltd. |
|
2 / 2 page ![]() Double-Ended Cordsets BCC S415-S415-3L-386-PX85A5-050 Order Code: BCC0LL5 Internet www.balluff.com eCl@ss 9.1: 27-06-03-11 Subject to change without notice: 277186 ETIM 6.0: EC001855 BCC0LL5_1_2021-03-01 2 / 2 Remarks Cable construction acc. to UL-AWM Style 20939 Flame resistance acc. to IEC 60332-1 Flame resistance per IEC 60332-1-2 Flame resistance acc. to UL 1581/1080 VW-1 Halogen-free per DIN VDE 0472 Part 815 Silicone-free Oil resistant per DIN EN 60811-404 (VDE 0473-811-404) Enclosure rating per IEC 60529 or 20653, only in screwed state with the associated mating piece. Connector Drawings I PIN 1: brown PIN 2: white PIN 3: blue PIN 4: black PIN 5: pink II PIN 1: brown PIN 2: white PIN 3: blue PIN 4: black PIN 5: pink Wiring Diagrams |