công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MF2DLH1000DA4/02 bảng dữ liệu(PDF) 60 Page - NXP Semiconductors

tên linh kiện MF2DLH1000DA4/02
Giải thích chi tiết về linh kiện  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DLH1000DA4/02 bảng dữ liệu(HTML) 60 Page - NXP Semiconductors

Back Button MF2DLH1000DA4/02 Datasheet HTML 56Page - NXP Semiconductors MF2DLH1000DA4/02 Datasheet HTML 57Page - NXP Semiconductors MF2DLH1000DA4/02 Datasheet HTML 58Page - NXP Semiconductors MF2DLH1000DA4/02 Datasheet HTML 59Page - NXP Semiconductors MF2DLH1000DA4/02 Datasheet HTML 60Page - NXP Semiconductors MF2DLH1000DA4/02 Datasheet HTML 61Page - NXP Semiconductors MF2DLH1000DA4/02 Datasheet HTML 62Page - NXP Semiconductors MF2DLH1000DA4/02 Datasheet HTML 63Page - NXP Semiconductors MF2DLH1000DA4/02 Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
60 / 132
Status
Value
Description
NO_SUCH_KEY
40h
Targeted key does not exist
In not authenticated state and not targeting
OriginalityKeys
Targeted key not available for authentication.
PERMISSION_DENIED
9Dh
Targeted key not enabled.
AUTHENTICATION_DELAY
ADh
Currently not allowed to authenticate.
Keep trying until full delay is spent.
MEMORY_ERROR
EEh
Failure when reading or writing to non-volatile memory.
Table 43.  Command parameters description - AuthenticateLRPNonFirst - Part2
Name
Length
Value
Description
CMD
1
AFh
Additional frame
RndA
16
Full range
PCD challenge
RndA
PCDResp
16
Full range
PCD response to the challenge
MACLRP (SesAuthMACKey;RndA || RndB)
Table 44. Response data parameters description - AuthenticateLRPNonFirst - Part2
Name
Length
Value
Description
PICCResp
16
Full range
PICC response to the challenge
MACLRP (SesAuthMACKey;RndB || RndA)
SW1SW2
2
9100h
91XXh
successful execution
Refer to Table 45
Table 45.  Return code description - AuthenticateLRPNonFirst - Part2
Status
Value
Description
LENGTH_ERROR
7Eh
Command size not allowed.
AUTHENTICATION_ERROR
AEh
Wrong PCDResp
MEMORY_ERROR
EEh
Failure when reading or writing to non-volatile memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com