công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI7157DP bảng dữ liệu(PDF) 2 Page - Vishay Siliconix

tên linh kiện SI7157DP
Giải thích chi tiết về linh kiện  P-Channel 20 V (D-S) MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7157DP bảng dữ liệu(HTML) 2 Page - Vishay Siliconix

  SI7157DP Datasheet HTML 1Page - Vishay Siliconix SI7157DP Datasheet HTML 2Page - Vishay Siliconix SI7157DP Datasheet HTML 3Page - Vishay Siliconix SI7157DP Datasheet HTML 4Page - Vishay Siliconix SI7157DP Datasheet HTML 5Page - Vishay Siliconix SI7157DP Datasheet HTML 6Page - Vishay Siliconix SI7157DP Datasheet HTML 7Page - Vishay Siliconix SI7157DP Datasheet HTML 8Page - Vishay Siliconix SI7157DP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Si7157DP
www.vishay.com
Vishay Siliconix
S13-1665-Rev A, 29-Jul-13
2
Document Number: 62860
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
a. Pulse test; pulse width
 300 μs, duty cycle  2 %
b. Guaranteed by design, not subject to production testing
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-source breakdown voltage
VDS
VGS = 0 V, ID = -250 μA
-20
-
-
V
VDS temperature coefficient
V
DS/TJ
ID = -250 μA
-
-14.5
-
mV/°C
VGS(th) temperature coefficient
V
GS(th)/TJ
-4.1
-
Gate-source threshold voltage
VGS(th)
VDS = VGS, ID = -250 μA
-0.5
-
-1.4
V
Gate-source leakage
IGSS
VDS = 0 V, VGS = ± 12 V
-
-
± 100
nA
Zero gate voltage drain current
IDSS
VDS = -20 V, VGS = 0 V
-
-
-1
μA
VDS = -20 V, VGS = 0 V, TJ = 55 °C
-
-
-5
On-state drain current a
ID(on)
VDS  -10 V, VGS = -10 V
-40
-
-
A
Drain-source on-state resistance a
RDS(on)
VGS = -0 V, ID = -25 A
-
0.00125
0.00160
VGS = -4.5 V, ID = -20 A
-
0.00155
0.00200
VGS = -2.5 V, ID = -15 A
-
0.00240
0.00320
Forward transconductance a
gfs
VDS = -10 V, ID = -25 A
-
120
-
S
Dynamic b
Input capacitance
Ciss
VDS = -10 V, VGS = 0 V, f = 1 MHz
-
22 000
-
pF
Output capacitance
Coss
-
2470
-
Reverse transfer capacitance
Crss
-
2515
-
Total gate charge
Qg
VDS = -10 V, VGS = -10 V, ID = 20 A
-
415
625
nC
VDS = -10 V, VGS = -4.5 V, ID = -20 A
-
202.5
305
Gate-source charge
Qgs
-
32.5
-
Gate-drain charge
Qgd
-
51.5
-
Gate resistance
Rg
f = 1 MHz
0.8
1.5
2.5
Turn-on delay time
td(on)
VDD = -10 V, RL = 1 
ID  -10 A, VGEN = -10 V, Rg = 1 
-20
40
ns
Rise time
tr
-14
28
Turn-off delay time
td(off)
-
220
400
Fall time
tf
-
55
110
Turn-on delay time
td(on)
VDD = -10 V, RL = 1 
ID  -10 A, VGEN = -4.5 V, Rg = 1 
-
115
200
Rise time
tr
-
120
220
Turn-off delay time
td(off)
-
230
390
Fall time
tf
-
75
150
Drain-Source Body Diode Characteristics
Continuous source-drain diode current
IS
TC = 25 °C
-
-
-60
A
Pulse diode forward current (tp = 100 μs)
ISM
-
-
-300
Body diode voltage
VSD
IS = -5 A, VGS = 0 V
-
-0.64
-1.1
V
Body diode reverse recovery time
trr
IF = -10 A, di/dt = 100 A/μs,
TJ = 25 °C
-
88
140
ns
Body diode reverse recovery charge
Qrr
-
120
200
nC
Reverse recovery fall time
ta
-31
-
ns
Reverse recovery rise time
tb
-57
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com