công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS9004DCKB bảng dữ liệu(PDF) 1 Page - Gennum Corporation

tên linh kiện GS9004DCKB
Giải thích chi tiết về linh kiện  GENLINX-TM GS9004D Serial Digital Cable Equalizer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GENNUM [Gennum Corporation]
Trang chủ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9004DCKB bảng dữ liệu(HTML) 1 Page - Gennum Corporation

  GS9004DCKB Datasheet HTML 1Page - Gennum Corporation GS9004DCKB Datasheet HTML 2Page - Gennum Corporation GS9004DCKB Datasheet HTML 3Page - Gennum Corporation GS9004DCKB Datasheet HTML 4Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NOT
RECOMMENDED
FOR
NEW
DESIGNS
Part Number
Package Type
Temperature Range
Pb-Free and Green
GS9004DCKB
14 pin SOIC
0
oC to 70oCNo
GS9004DCTB
14 pin SOIC Tape
0
oC to 70oCNo
GS9004DCKBE3
14 pin SOIC
0
oC to 70oC
Yes
FEATURES
• automatic cable equalization
• typically greater than 300 m of high quality cable at
270 Mb/s
• typically 300 m of high quality cable at 360 Mb/s
• drop in replacement for GS9004C
• capability to drive 50
W loads (to V
TT
)
• fully compatible with SMPTE 259M and operational to
400 Mb/s
• signal strength indicator
• output 'eye' monitor
• 14 pin SOIC packaging
• single +5 or -5 volt power supply operation
• Pb-free and Green
GENLINX™ GS9004D
Serial Digital Cable Equalizer
FUNCTIONAL BLOCK DIAGRAM
DATA SHEET
DEVICE DESCRIPTION
The Gennum GS9004D is an improved monolithic automatic
cable equalizer developed for SMPTE/EBU scrambled
NRZI Serial Digital Video signals.
While there are no plans to discontinue the GS9004D,
Gennum has developed a successor product with improved
features and performance called the GS9024. The GS9024
is recommended for new designs.
This device features DC restoration to pass the Pathological
Test Signals and fully automatic equalization in order to
meet the SMPTE 259M Serial Interface Standard. The
DATA and DATA outputs typically deliver 800 mV (p-
p) equalized signals into 50
Ω loads (to V
TT
). These
signals can be used to feed cable driver circuits for Serial
Distribution Amplifier applications.
This device also incorporates an analog signal strength
indicator (SSI) which provides a 0.5 V to 0 V output relative
to V
CC, indicating the amount of equalization being applied
to the signal.
The
GS9004D features an OUTPUT 'EYE' MONITOR
(OEM), which allows verification of signal integrity after
equalization, prior to reslicing.
Operating with a single
+5 or -5 volt supply, the GS9004D typically draws 52 mA
of current.
ORDERING INFORMATION
APPLICATIONS
• Front-end cable equalization for digital video systems
• Input equalization for serial digital distribution amplifiers,
routers, production switchers and other receiving
equipment
Document No. 32486 - 0
GENNUM CORPORATION P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3 tel. +1 (905) 632-2996 fax. +1 (905) 632-5946
Web Site: www.gennum.com E-mail: info@gennum.com
Revision Date: July 2004
GS9004D
IN+
AGC
CAPACITOR
SIGNAL
STRENGTH
INDICATOR
VOLTAGE
VARIABLE
FILTER
LOGIC
COMPARATOR
FILTER
CONTROL
PEAK
DETECTOR
DC
RESTORER
Σ
DATA
6
8
7
14
13
DATA
9
IN-
3 OUTPUT 'EYE'
MONITOR


Số phần tương tự - GS9004DCKB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS9004C GENNUM-GS9004C Datasheet
98Kb / 5P
Serial Digital Cable Equalizer
GS9004CCKB GENNUM-GS9004CCKB Datasheet
98Kb / 5P
Serial Digital Cable Equalizer
GS9004CCTB GENNUM-GS9004CCTB Datasheet
98Kb / 5P
Serial Digital Cable Equalizer
More results

Mô tả tương tự - GS9004DCKB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS9029 GENNUM-GS9029 Datasheet
125Kb / 8P
GENLINX ??GS9029 Quad Output Serial Digital Video Cable Driver
GS9004C GENNUM-GS9004C Datasheet
98Kb / 5P
Serial Digital Cable Equalizer
GS9000D GENNUM-GS9000D Datasheet
151Kb / 9P
GENLINX II -TM GS9000D Serial Digital Decoder
GS9002A GENNUM-GS9002A Datasheet
462Kb / 11P
GENLINX-TM GS9002A Serial Digital Encoder
GS9005B GENNUM-GS9005B Datasheet
132Kb / 12P
GENLINX-TM GS9005B Serial Digital Receiver
GS9015B GENNUM-GS9015B Datasheet
114Kb / 13P
GENLINX-TM GS9015B Serial Digital Reclocker
GS9020A GENNUM-GS9020A Datasheet
401Kb / 31P
GENLINX -TM II GS9020A Serial Digital Video Input Processor
GS9032 GENNUM-GS9032 Datasheet
244Kb / 10P
GENLINX-TM II GS9032 Digital Video Serializer
GS9035C GENNUM-GS9035C Datasheet
551Kb / 14P
GENLINX II -TM GS9035C Serial Digital Reclocker
logo
M/A-COM Technology Solu...
M08016 MA-COM-M08016_15 Datasheet
338Kb / 2P
HD/SD Serial Digital Video Cable Equalizer
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com