| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
A10405-R-N-ZGK bảng dữ liệu(PDF) 4 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
A10405-R-N-ZGK bảng dữ liệu(HTML) 4 Page - C&K Components |
|
4 / 5 page ![]() K K–6 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ckswitches.com 20 Apr 21 A Series 1-4 Pole Rotary Switches PC MOUNTING 4P MODEL SP MODEL (omit terminals B, C & D) DP MODEL (omit terminals B & D) 3P MODEL Z SOLDER LUG MC MODULAR BASE (for wave soldering) C PC THRU-HOLE NOTE: Switches with ‘C’ or ‘MC’ terminations have additional terminal no. 9 as switch support only. This terminal is not connected electrically inside switch. Solder and clean switch base on PC board with other components, then snap on housing/actuator assembly. See page K-7 for installation instructions. CONTACT MATERIAL TERMINATIONS * Note: See Technical Data section of this catalog for RoHS compliant and compatible definition and specifications. 1 MOVABLE CONTACTS: Copper alloy, with gold plate over nickel plate. STATIONARY CONTACTS & TERMINALS: Brass, with gold plate over nickel plate. 2 MOVABLE CONTACTS: Coin silver, silver plated. STATIONARY CONTACTS & TERMINALS: Brass, silver plated (standard with all termination options). 3 MOVABLE CONTACTS: Coin silver, with gold plate over nickel plate over silver plate. STATIONARY CONTACTS & TERMINALS: Brass, with gold plate over nickel plate over silver plate. All models with all options when ordered with ‘G’ or ‘Q’ contact material. NOTE: ‘G’ contact material is equivalent to both ‘B’ and ‘Q” contact materials. NOTE: Any models supplied with Q, B or G contact material are RoHS compliant. Option Code Contact & Terminal Material Typical Usage Rating Cycles Q Silver2 Power SWITCH – 2.5 AMPS @ 125 VAC; 1 AMP @ 250 VAC (UL/CSA) CARRY – 5 AMPS CONTINUOUS 6,000 SWITCH – 350 mA @ 125 VDC (UL/CSA) CARRY – 5 AMPS CONTINUOUS 15,000 B Gold1 Low level/ Dry circuit 0.4 VA MAX. @ 20 V AC OR DC MAX 15,000 G Gold over silver3 Low level/ Dry circuit or power 0.4 VA MAX. @ 20 V AC OR DC MAX 15,000 SWITCH – 350 mA @ 125 VDC (UL/CSA) CARRY – 5 AMPS CONTINUOUS 15,000 SWITCH – 2.5 AMPS @ 125 VAC; 1 AMP @ 250 VAC (UL/CSA) CARRY – 5 AMPS CONTINUOUS 6,000 |