| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FODM1007R2 bảng dữ liệu(PDF) 7 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
FODM1007R2 bảng dữ liệu(HTML) 7 Page - ON Semiconductor |
|
7 / 9 page ![]() FODM100x Series www.onsemi.com 7 ORDERING INFORMATION Part Number Package Shipping† FODM1007 Stretched Body SOP 4−Pin 100 Units / Tube FODM1007R2 Stretched Body SOP 4−Pin 3000 / Tape & Reel FODM1007V Stretched Body SOP 4−Pin, DIN EN/IEC60747−5−5 Option 100 Units / Tube FODM1007R2V Stretched Body SOP 4−Pin, DIN EN/IEC60747−5−5 Option 3000 / Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. NOTE: The product orderable part number system listed in this table also applies to the FODM1008, FODM1009 products. |