công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VSC8169 bảng dữ liệu(PDF) 1 Page - Vitesse Semiconductor Corporation

tên linh kiện VSC8169
Giải thích chi tiết về linh kiện  OC-48 (FEC) 16:1 SONET/SDH MUX with Clock Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VITESSE [Vitesse Semiconductor Corporation]
Trang chủ  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8169 bảng dữ liệu(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC8169 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8169 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8169 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8169 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8169 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8169 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8169 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8169 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8169 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC8169
OC-48 (FEC) 16:1 SONET/SDH
MUX with Clock Generator
G52230-0, Rev 3.6
Page 1
01/02/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Features
General Description
The VSC8169 is a 16:1 multiplexer with integrated clock generator for use in SONET/SDH systems oper-
ating at a standard 2.48832Gb/s data rate or a forward error correction (FEC) data rate up to 2.7Gb/s. The inter-
nal clock generator uses a Phase-Locked Loop (PLL) to multiply either a 77.76MHz (up to 84.38MHz-FEC) or
a 155.52MHz (up to 168.75MHz -FEC) reference clock in order to provide the 2.48832GHz (up to 2.7GHz -
FEC) clock for internal logic and output retiming. For use with the VSC9210 FEC Encoder/Decoder chipset
running at 2.654208Gb/s, a reference clock of 82.944MHz (serial rate divided by 32) should be used. The 16-bit
parallel interface incorporates an on-board FIFO eliminating loop timing design issues by providing a flexible
parallel timing architecture. The device operates using a 3.3V power supply, and is packaged in a thermally-
enhanced plastic package. The thermal performance of the 128-pin PQFP allows the use of the VSC8169 with-
out a heat sink under most thermal conditions.
VSC8169 Block Diagram
• 16:1 Multiplexer Up to 2.7Gb/s
• Targeted for SONET OC-48 / SDH STM-16 (FEC)
Applications
• Differential LVPECL Low-Speed Interface
• On-Chip PLL-Based Clock Generator
• 128-Pin 14x20mm PQFP Package
• Single +3.3V Supply
D0-
D0+
D15-
D15+
CLK16O-
Output
Retime
2.6GHz
PLL
REFCLK-
REFCLK+
CLK16O+
DO-
DO+
CLK16I-
CLK16I+
Write
Pointer
Read
Pointer
FIFO
Control
Reset
Divide by 16
FIFO_WAR
CLKO+
CLKO-
F_FREQSEL
REFCLKO-
REFCLKO+
Divide
by 2


Số phần tương tự - VSC8169

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vitesse Semiconductor C...
VSC8162 VITESSE-VSC8162 Datasheet
151Kb / 20P
2.488 Gbit/sec SONET/SDH 1:16 Demux with Clock Recovery
VSC8163 VITESSE-VSC8163 Datasheet
191Kb / 20P
OC-48 16:1 SONET/SDH MUX with Clock Generator
VSC8163QR VITESSE-VSC8163QR Datasheet
191Kb / 20P
OC-48 16:1 SONET/SDH MUX with Clock Generator
VSC8164 VITESSE-VSC8164 Datasheet
153Kb / 16P
2.488 Gbit/sec to 2.7Gbit/sec 1:16 SONET/SDH Demux
VSC8164QR VITESSE-VSC8164QR Datasheet
153Kb / 16P
2.488 Gbit/sec to 2.7Gbit/sec 1:16 SONET/SDH Demux
More results

Mô tả tương tự - VSC8169

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Laboratories
SI5110 SILABS-SI5110 Datasheet
415Kb / 26P
SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Broadcom Corporation.
BCM8128 BOARDCOM-BCM8128 Datasheet
125Kb / 1P
MULTI RATE 10GBPS SONET / SDH/ 10GE/FEC MUX
logo
Texas Instruments
SLK2721 TI-SLK2721 Datasheet
300Kb / 21P
OC-48FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC8163 VITESSE-VSC8163 Datasheet
191Kb / 20P
OC-48 16:1 SONET/SDH MUX with Clock Generator
VSC8131 VITESSE-VSC8131 Datasheet
149Kb / 16P
2.488 Gbit/sec 32:1 SONET/SDH Mux with Clock Generator
VSC8171 VITESSE-VSC8171 Datasheet
246Kb / 2P
SONET/SDH 16:1 Mux with CMU
logo
Applied Micro Circuits ...
CS3394 AMCC-CS3394 Datasheet
62Kb / 2P
SONET/SDH/FEC OC-192 Receiver with EDC Technology
S19235 AMCC-S19235 Datasheet
86Kb / 2P
OC-192 SONET/SDH/FEC/GbE 16-bit Transceiver
logo
Silicon Laboratories
SI5100 SILABS-SI5100 Datasheet
495Kb / 40P
SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Texas Instruments
SLK2721PZP TI1-SLK2721PZP Datasheet
508Kb / 22P
OC-48 FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com