| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
23K256 bảng dữ liệu(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
23K256 bảng dữ liệu(HTML) 17 Page - Microchip Technology |
|
17 / 27 page ![]() 2008-2022 Microchip Technology Inc. and its subsidiaries DS20002100G-page 17 23A256/23K256 0.25 C A–B D C SEATING PLANE TOP VIEW SIDE VIEW VIEW A–A 0.10 C 0.10 C Microchip Technology Drawing No. C04-057-SN Rev H Sheet 1 of 2 8X For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: 8-Lead Plastic Small Outline (SN) - Narrow, 3.90 mm (.150 In.) Body [SOIC] 1 2 N h h A1 A2 A A B e D E E 2 E1 2 E1 NOTE 5 NOTE 5 NX b 0.10 C A–B 2X H c 2 4X 1 4X 1 (L1) L R1 R VIEW C SEE VIEW C NOTE 1 D 0.10 C A–B 2X 0.10 C A–B 2X |