công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CBTU4411EE bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện CBTU4411EE
Giải thích chi tiết về linh kiện  11-bit DDR2 SDRAM MUX/bus switch with 12 廓 ON resistance
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTU4411EE bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  CBTU4411EE Datasheet HTML 1Page - NXP Semiconductors CBTU4411EE Datasheet HTML 2Page - NXP Semiconductors CBTU4411EE Datasheet HTML 3Page - NXP Semiconductors CBTU4411EE Datasheet HTML 4Page - NXP Semiconductors CBTU4411EE Datasheet HTML 5Page - NXP Semiconductors CBTU4411EE Datasheet HTML 6Page - NXP Semiconductors CBTU4411EE Datasheet HTML 7Page - NXP Semiconductors CBTU4411EE Datasheet HTML 8Page - NXP Semiconductors CBTU4411EE Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
CBTU4411
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 18 June 2012
2 of 21
NXP Semiconductors
CBTU4411
11-bit DDR2 SDRAM MUX/bus switch with 12
Ω ON resistance
2.
Features and benefits
Enable (EN) and select signals (S0, S1) are SSTL_18 compatible
Optimized for use in Double Data Rate 2 (DDR2) SDRAM applications
Suitable to be used with 400 Mbit/s to 800 Mbit/s, 200 MHz to 400 MHz DDR2 data
bus
Switch ON-resistance is designed to eliminate the need for series resistor to DDR2
SDRAM
12
Ω ON-resistance
Controlled enable/disable times support fast bus turnaround
Pseudo-differential select inputs support accurate and low-skew control of switching
times
Selectable built-in termination resistors on the Sn inputs
Internal 400
Ω pull-down resistors on xDPn port
VBIAS input for optimal DIMM-port pull-down when disabled
Configurable to support differential strobe with pull-up to 34 of VDD on channel 10
when idle
Low differential skew
Matched rise/fall slew rate
Low crosstalk data-data/data-DQM
Simplified 1 : 4 switch position control by 2-bit encoded input
Single input pin puts all bus switches in OFF (high-impedance) position
Latch-up protection exceeds 500 mA per JESD78
ESD protection exceeds 1500 V HBM per JESD22-A114 and 750 V CDM per
JESD22-C101
3.
Ordering information
Table 1.
Ordering information
Tamb =0
°C to +85 °C.
Type number
Package
Name
Description
Version
CBTU4411EE
LFBGA72
plastic low profile fine-pitch ball grid array package;
72 balls; body 7
× 7 × 1.05 mm
SOT856-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com