công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LNBP8V7V bảng dữ liệu(PDF) 5 Page - STMicroelectronics

tên linh kiện LNBP8V7V
Giải thích chi tiết về linh kiện  LNB SUPPLY AND CONTROL VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBP8V7V bảng dữ liệu(HTML) 5 Page - STMicroelectronics

  LNBP8V7V Datasheet HTML 1Page - STMicroelectronics LNBP8V7V Datasheet HTML 2Page - STMicroelectronics LNBP8V7V Datasheet HTML 3Page - STMicroelectronics LNBP8V7V Datasheet HTML 4Page - STMicroelectronics LNBP8V7V Datasheet HTML 5Page - STMicroelectronics LNBP8V7V Datasheet HTML 6Page - STMicroelectronics LNBP8V7V Datasheet HTML 7Page - STMicroelectronics LNBP8V7V Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LNBP8 - LNBP9
5/8
Figure 5: Single Supply Solution
(1) In a single supply configuration the presence of the input resistor in the 12-15
Ω range is suggested
only to reduce the device power dissipation during the 13V output condition. The resistor can be omitted
in spite of power dissipation increase.
(2) The input diodes are mandatory to protect the device from any reverse current.



Html Pages

1 2 3 4 5 6 7 8