| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SWCS049H bảng dữ liệu(PDF) 98 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SWCS049H bảng dữ liệu(HTML) 98 Page - Texas Instruments |
|
98 / 144 page ![]() 98 TPS65911 SWCS049S – JUNE 2010 – REVISED AUGUST 2018 www.ti.com Submit Documentation Feedback Product Folder Links: TPS65911 Detailed Description Copyright © 2010–2018, Texas Instruments Incorporated Table 6-60. SLEEP_SET_LDO_OFF_REG Address Offset 0x43 Instance Reset Domain: GENERAL RESET Description Configuration Register turning-off LDO regulator during the SLEEP state of the device. Corresponding *_KEEP_ON control bit in SLEEP_KEEP_RES_ON register should be 0 to make this *_SET_OFF control bit effective Type RW 7 6 5 4 3 2 1 0 LDO3_SETOFF LDO4_SETOFF LDO7_SETOFF LDO8_SETOFF LDO5_SETOFF LDO2_SETOFF LDO1_SETOFF LDO6_SETOFF Bits Field Name Description Type Reset 7 LDO3_SETOFF When 1, LDO regulator is turned off during device SLEEP state. When 0, No effect RW 0 6 LDO4_SETOFF When 1, LDO regulator is turned off during device SLEEP state. When 0, No effect RW 0 5 LDO7_SETOFF When 1, LDO regulator is turned off during device SLEEP state. When 0, No effect RW 0 4 LDO8_SETOFF When 1, LDO regulator is turned off during device SLEEP state. When 0, No effect RW 0 3 LDO5_SETOFF When 1, LDO regulator is turned off during device SLEEP state. When 0, No effect RW 0 2 LDO2_SETOFF When 1, LDO regulator is turned off during device SLEEP state. When 0, No effect RW 0 1 LDO1_SETOFF When 1, LDO regulator is turned off during device SLEEP state. When 0, No effect RW 0 0 LDO6_SETOFF When 1, LDO regulator is turned off during device SLEEP state. When 0, No effect RW 0 |