| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AP8024 bảng dữ liệu(PDF) 11 Page - AiT Semiconductor Inc. |
|
|
|||||||||||||||||||||||||||||
AP8024 bảng dữ liệu(HTML) 11 Page - AiT Semiconductor Inc. |
|
11 / 11 page ![]() AiT Semiconductor Inc. www.ait-ic.com AP8024 AC-DC PFM CONTROLLER NON-ISOLATED PFM CONVERTERS REV2.0 - JAN 2015 RELEASED, MAR 2018 UPDATED - - 11 - IMPORTANT NOTICE AiT Semiconductor Inc. (AiT) reserves the right to make changes to any its product, specifications, to discontinue any integrated circuit product or service without notice, and advises its customers to obtain the latest version of relevant information to verify, before placing orders, that the information being relied on is current. AiT Semiconductor Inc.'s integrated circuit products are not designed, intended, authorized, or warranted to be suitable for use in life support applications, devices or systems or other critical applications. Use of AiT products in such applications is understood to be fully at the risk of the customer. As used herein may involve potential risks of death, personal injury, or server property, or environmental damage. In order to minimize risks associated with the customer's applications, the customer should provide adequate design and operating safeguards. AiT Semiconductor Inc. assumes to no liability to customer product design or application support. AiT warrants the performance of its products of the specifications applicable at the time of sale. |