công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HMC489LP5 bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện HMC489LP5
Giải thích chi tiết về linh kiện  SURFACE MOUNT PHEMT 1 WATT POWER AMPLIFIER, 12 - 16 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

HMC489LP5 bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  HMC489LP5 Datasheet HTML 1Page - List of Unclassifed Manufacturers HMC489LP5 Datasheet HTML 2Page - List of Unclassifed Manufacturers HMC489LP5 Datasheet HTML 3Page - List of Unclassifed Manufacturers HMC489LP5 Datasheet HTML 4Page - List of Unclassifed Manufacturers HMC489LP5 Datasheet HTML 5Page - List of Unclassifed Manufacturers HMC489LP5 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5
5 - 492
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC489LP5 / 489LP5E
SURFACE MOUNT PHEMT 1 WATT
POWER AMPLIFIER, 12 - 16 GHz
v01.0705
General Description
Features
Functional Diagram
The HMC489LP5 & HMC489LP5E are high dynamic
range GaAs PHEMT MMIC Power Amplifiers housed in
leadless 5 x 5 mm surface mount packages. Operating
from 12 to 16 GHz, the amplifier provides 13 dB of gain,
+32 dBm of saturated power and 16% PAE from a +7.0
V supply voltage. Output IP3 is +34 dBm typical. The
RF I/Os are DC blocked and matched to 50 Ohms
for ease of use. The HMC489LP5 & HMC489LP5E
eliminate the need for wire bonding, allowing use of
surface mount manufacturing techniques.
Saturated Power: +32 dBm @ 16% PAE
+34 dBm Output IP3
13 dB Gain
+7.0 V @ 1300 mA Supply
50 Ohm Matched Input/Output
25 mm2 Leadless SMT Package
Electrical Specifications, T
A = +25° C, Vdd1, 2, 3, 4, 5 = +7V, Idd = 1300 mA*
Typical Applications
The HMC489LP5 / HMC489LP5E is ideal for use as
a power amplifier for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios
• Test Equipment and Sensors
• Military End-Use
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
12 - 14
14 - 16
GHz
Gain
10
13
10
13
dB
Gain Variation Over Temperature
0.05
0.07
0.05
0.07
dB/ °C
Input Return Loss
12
8
dB
Output Return Loss
8
15
dB
Output Power for 1 dB Compression (P1dB)
24
29
28
31
dBm
Saturated Output Power (Psat)
30
32
dBm
Output Third Order Intercept (IP3)
32
34
dBm
Noise Figure
79
dB
Supply Current (Idd)(Vdd = +7V, Vgg = -0.3V Typ.)
1300
1300
mA
* Adjust Vgg between -2 to 0V to achieve Idd = 1300 mA typical.


Số phần tương tự - HMC489LP5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hittite Microwave Corpo...
HMC489LP5 HITTITE-HMC489LP5 Datasheet
248Kb / 6P
SURFACE MOUNT PHEMT 1 WATT POWER AMPLIFIER, 12 - 16 GHz
logo
Analog Devices
HMC489LP5 AD-HMC489LP5 Datasheet
1Mb / 22P
Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC489LP5E HITTITE-HMC489LP5E Datasheet
248Kb / 6P
SURFACE MOUNT PHEMT 1 WATT POWER AMPLIFIER, 12 - 16 GHz
logo
Analog Devices
HMC489LP5E AD-HMC489LP5E Datasheet
1Mb / 22P
Active Bias Controller High Current
More results

Mô tả tương tự - HMC489LP5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hittite Microwave Corpo...
HMC486LP5 HITTITE-HMC486LP5 Datasheet
358Kb / 6P
SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 7 - 9 GHz
HMC487LP5 HITTITE-HMC487LP5 Datasheet
374Kb / 6P
SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 9 - 12 GHz
HMC756 HITTITE-HMC756 Datasheet
289Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 16 - 24 GHz
HMC757 HITTITE-HMC757 Datasheet
276Kb / 8P
GaAs pHEMT MMIC 1/2 WATT POWER AMPLIFIER, 16 - 24 GHz
HMC756 HITTITE-HMC756_10 Datasheet
289Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 16 - 24 GHz
HMC950 HITTITE-HMC950 Datasheet
981Kb / 10P
GaAs pHEMT MMIC 4 WATT POWER AMPLIFIER, 12 - 16 GHz
HMC486LP5 HITTITE-HMC486LP5_10 Datasheet
250Kb / 6P
SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 7 - 9 GHz
HMC487LP5 HITTITE-HMC487LP5_09 Datasheet
247Kb / 6P
SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 9 - 12 GHz
HMC489LP5 HITTITE-HMC489LP5 Datasheet
248Kb / 6P
SURFACE MOUNT PHEMT 1 WATT POWER AMPLIFIER, 12 - 16 GHz
HMC950 HITTITE-HMC950_11 Datasheet
572Kb / 10P
GaAs pHEMT MMIC 4 WATT POWER AMPLIFIER, 12 - 16 GHz
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com