công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NRTS8100PFS bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện NRTS8100PFS
Giải thích chi tiết về linh kiện  Schottky Barrier Rectifier, Trench-based
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRTS8100PFS bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  NRTS8100PFS Datasheet HTML 1Page - ON Semiconductor NRTS8100PFS Datasheet HTML 2Page - ON Semiconductor NRTS8100PFS Datasheet HTML 3Page - ON Semiconductor NRTS8100PFS Datasheet HTML 4Page - ON Semiconductor NRTS8100PFS Datasheet HTML 5Page - ON Semiconductor NRTS8100PFS Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NRTS8100PFS, NRVTS8100PFS
www.onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
Average Rectified Forward Current
(TC = 164°C)
IF(AV)
8
A
Peak Repetitive Forward Current,
(TC = 162°C, Square Wave, Duty = 0.5)
IFRM
16
A
Storage Temperature Range
Tstg
−65 to +175
°C
Operating Junction Temperature
TJ
−55 to +175
°C
ESD Rating (Human Body Model)
3B
ESD Rating (Machine Model)
M4
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Ambient
(Assumes 600 mm2, 1 oz. copper bond pad on a FR4 board)
RθJA
70
°C/W
Thermal Resistance, Junction−to−Case, Top
(Assumes 600 mm2, 1 oz. copper bond pad on a FR4 board)
RθJCT
62
°C/W
Thermal Resistance, Junction−to−Case, Bottom
(Assumes 600 mm2, 1 oz. copper bond pad on a FR4 board)
RθJCB
2.2
°C/W
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Typ
Max
Unit
Instantaneous Forward Voltage (Note 1)
(iF = 4 A, TJ = 25°C)
(iF = 4 A, TJ = 125°C)
(iF = 8 A, TJ = 25°C)
(iF = 8 A, TJ = 125°C)
vF
0.60
0.55
0.76
0.66
−
−
0.82
0.70
V
Instantaneous Reverse Current (Note 1)
(Rated dc Voltage, TJ = 25°C)
(Rated dc Voltage, TJ = 125°C)
iR
3.0
2.5
100
20
mA
mA
Junction Capacitance
(VR = 1 V, TJ = 125°C, 1 MHz)
CJ
660
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Pulse Test: Pulse Width = 300 ms, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com