công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATLS8A216D bảng dữ liệu(PDF) 2 Page - Analog Technologies, Inc.

tên linh kiện ATLS8A216D
Giải thích chi tiết về linh kiện  High Voltage Constant Current 8A Laser Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Trang chủ  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS8A216D bảng dữ liệu(HTML) 2 Page - Analog Technologies, Inc.

  ATLS8A216D Datasheet HTML 1Page - Analog Technologies, Inc. ATLS8A216D Datasheet HTML 2Page - Analog Technologies, Inc. ATLS8A216D Datasheet HTML 3Page - Analog Technologies, Inc. ATLS8A216D Datasheet HTML 4Page - Analog Technologies, Inc. ATLS8A216D Datasheet HTML 5Page - Analog Technologies, Inc. ATLS8A216D Datasheet HTML 6Page - Analog Technologies, Inc. ATLS8A216D Datasheet HTML 7Page - Analog Technologies, Inc. ATLS8A216D Datasheet HTML 8Page - Analog Technologies, Inc. ATLS8A216D Datasheet HTML 9Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 7/4/2022
Email: staff@analogti.com/sales@analogti.com
2
Analog Technologies
ATLS8A216
High Voltage Constant Current 8A Laser Driver
Figure 2. Pin Names and Locations
Figure 2 is the top view of the ATLS8A216, which also
shows the pin names and locations. Its thickness is 4.5mm.
The pin functions and specifications are described in Table
1 below. Note that the metal case is internally connected to
ground.
Table 1.Pin Function Descriptions
Pin
#
Name
Type
Description
1
SYNO
Digital Output
Synchronization Output. This is a digital output signal with internal impedance of 100
Ω by
passed by 1.5MHz low pass filter. This output is triggered by the PWM output stage of this
laser driver and can be used to synchronize other switch mode electronics to avoid the beating
interference with their free-run frequencies if their free-run frequencies are close to 700kHz.
If the free-run frequency of other electronics is far away from 700kHz, no need to use this
pin.
2
TMO
Analog Output
Temperature Output pin. This pin indicates the controller temperature. The relationship
between the output voltage and the temperature is:
)
(
479
.
3
8015
.
1
4182
.
2
10
04
.
1525
3
C
V
T
TMO
°
−
+
+
−
=
or,
−
+
−
=
4182
.
2
10
04
.
1525
479
.
3
8015
.
1
2
3
T
V
TMO
where VTMO is the voltage on the TMO pin.
This formula can be approximated by a linear equation with about 1% error:
)
(
1040
.
90
5576
.
192
C
V
T
TMO °
×
−
=
or,
)
(
0111
.
0
1365
.
2
C
T
V
TMO
°
×
−
=
The maximum output current of the TMO pin is 1uA.
3
LPGD
Digital Output
Loop Good indication. When the laser driver's output current equals to the set-point current
value, and there is no short nor open circuit at the output, this pin is pulled up high by an
internal 3k
Ω resistor to an internal 4.5V power supply as shown in Figure 3; when the output
current is not equal to the set-point current, such as there is an open circuit at the output, or
the load has too high a resistance that even the output voltage reaches the power supply
voltage, the output current is still lower than the set-point value, this pin is pulled low by an
open drain MOSFET of which Rdson < 500
Ω. When outputting the low value, the sinking
capability is < 0.5V at 1mA.
4
SBDN
Analog/Digital
Input
Standby and Shutdown Control. This pin has 3 states: between 0V
∼ 0.4V, it shuts down the
entire laser driver; between 2.1V
∼ 2.4V, it sets the laser driver to standby mode; between
2.6V
∼ 15V, it sets the laser driver to operation mode. The input current on this pin is < 2µA.
(1)
(2)
(3)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com