công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATLS216EV1.0 bảng dữ liệu(PDF) 3 Page - Analog Technologies, Inc.

tên linh kiện ATLS216EV1.0
Giải thích chi tiết về linh kiện  Evaluation Board for High Voltage ATLSXA216D Series Laser Drivers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Trang chủ  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS216EV1.0 bảng dữ liệu(HTML) 3 Page - Analog Technologies, Inc.

  ATLS216EV1.0 Datasheet HTML 1Page - Analog Technologies, Inc. ATLS216EV1.0 Datasheet HTML 2Page - Analog Technologies, Inc. ATLS216EV1.0 Datasheet HTML 3Page - Analog Technologies, Inc. ATLS216EV1.0 Datasheet HTML 4Page - Analog Technologies, Inc. ATLS216EV1.0 Datasheet HTML 5Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/25/2022
Email: staff@analogti.com/sales@analogti.com
3
Analog Technologies
ATLS216EV1.0
Evaluation Board for ATLSXA216D
There is no component in the bottom side of the board, so
that there is no bottom silkscreen layer image. Figure 4
shows the top layers without the silkscreen layer. Figure 5
shows the bottom layers, including bottom copper, bottom
solder mask, and multilayer (vias and holes). Please notice
that it is a “see through” image from the top side.
The schematic is shown in Figure 6 below.
Please notice that when the laser driver works well, the
LPGD pin goes up, which drives the R1 pin2 high, the
voltage is divided by the 2 resistor voltage divider, Q1 base
getting this voltage, R3 gets a constant voltage, generate a
constant current, which is injected to the emitter pin of Q1.
Since the collector current is equal to the emitter current,
thus, Q1 outputs a constant current which is independent of
the input voltage VVPS. Therefore, the LED, D1, gets a
constant current all the time, its brightness remains the same.
The switch S3 and S4 disconnect the POTs on the board
when using external sources to modulate the laser driver
output currents.
Figure 6. Schematic of Laser Driver ATLSXA216D Evaluation Board ATLS216EV1.0



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com