công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZMS bảng dữ liệu(PDF) 3 Page - C&K Components

tên linh kiện ZMS
Giải thích chi tiết về linh kiện  Mini Size Snap-acting Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CK-COMPONENTS [C&K Components]
Trang chủ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ZMS bảng dữ liệu(HTML) 3 Page - C&K Components

  ZMS_V01 Datasheet HTML 1Page - C&K Components ZMS_V01 Datasheet HTML 2Page - C&K Components ZMS_V01 Datasheet HTML 3Page - C&K Components ZMS_V01 Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
J
J–24
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
31 May 21
ZMS Series
Mini Size Snap-acting Switches
ACTUATOR
T10  .25 LEVER
P00  PIN PLUNGER
14,7
.579
()
12,2
.480
()
OP FP
PT
14,7
.579
()
12,2
.480
()
FP
OP
PT
Maximum Operate
Force (grams/oz.)
Minimum Release
Force (grams/oz.)
Free Position
Max
Maximum
Pre-travel
Operate
Position
Maximum
Differential
P00
130
13
0.45
.472
(12)
0.032
(0,8)
.415 ± .012
(10.55 ± .3)
.012
(0.3)
T10
195
6.88
55
1.93
.604
(15.35)
0.152
(3.85)
0.020
(0,5)
T11
0.186
(4.8)
.726
(18.45)
45
1.58
160
5.64
0.030
(0,7)
4.59
Actuator
code
.440 ± .020
(11.2 ±.5)
.539 ± .032
(13.7 ± .8)
High
Overtravel
min. (H)
0.068
(1,72)
0.084
(2,14)
0.101
(2,57)
SWITCH CHARACTERISTICS
T11   LEVER
18,6
.7323
()
14,7
.5787
()
12,2
.4803
()
FP OP
9,05
.3563
()
PT
approved
SWITCH CHARACTERISTICS “J” TERMINATION ONLY
Maximum Operate
Force (grams/oz.)
Minimum Release
Force (grams/oz.)
Free Position
Max
Maximum
Pre-travel
Operate
Position
Maximum
Differential
P00
130
13
0.45
.650
(16.50)
0.032
(0,8)
.012
(0.3)
T10
195
6.88
55
1.93
.781
(19.85)
0.152
(3.85)
.618 ± .028
(15.7 ± .7)
0.020
(0.5)
T11
0.188
(4.8)
.904
(22.95)
45
1.58
160
5.64
0.030
(0.7)
.717 ± .039
(18.2 ± 1.0)
4.59
Actuator
code
.593 ± .020
(15.05 ± 0.5)
High
Overtravel
min. (H)
0.068
(1,72)
0.084
(2,14)
0.101
(2,57)
T10  .25 LEVER (IP67)
P00  PIN PLUNGER (IP67)
T11   .28 LEVER (IP67)
14,7
.579
()
12,2
.480
()
FP
OP
PT
Gray
NC
Blue
(NO)
Black
(COM)
14,7
.579
()
12,2
.480
()
OP FP
PT
18,6
.7323
()
14,7
.5787
()
12,2
.4803
()
FP OP
PT



Html Pages

1 2 3 4