công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATLS3A212DHS bảng dữ liệu(PDF) 2 Page - Analog Technologies, Inc.

tên linh kiện ATLS3A212DHS
Giải thích chi tiết về linh kiện  High Voltage Constant Current 3A Laser Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Trang chủ  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS3A212DHS bảng dữ liệu(HTML) 2 Page - Analog Technologies, Inc.

  ATLS3A212DHS Datasheet HTML 1Page - Analog Technologies, Inc. ATLS3A212DHS Datasheet HTML 2Page - Analog Technologies, Inc. ATLS3A212DHS Datasheet HTML 3Page - Analog Technologies, Inc. ATLS3A212DHS Datasheet HTML 4Page - Analog Technologies, Inc. ATLS3A212DHS Datasheet HTML 5Page - Analog Technologies, Inc. ATLS3A212DHS Datasheet HTML 6Page - Analog Technologies, Inc. ATLS3A212DHS Datasheet HTML 7Page - Analog Technologies, Inc. ATLS3A212DHS Datasheet HTML 8Page - Analog Technologies, Inc. ATLS3A212DHS Datasheet HTML 9Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 7/4/2022
Email: staff@analogti.com/sales@analogti.com
2
Analog Technologies
ATLS3A212DHS
High Voltage Constant Current 3A Laser Driver
For noise sensitive applications, please be aware that this
laser driver has very low noise between DC to 20kHz, but a
little high ripple output voltage, sine-wave, 4mVP-P, at the
switching frequency, 500kHz.
Figure 2 is the top view of the ATLS3A212DHS, which also
shows the pin names and locations. Its thickness is 4.5mm.
The pin functions and specifications are described in Table 1
below.
Figure 2. Pin Names and Locations
Table 1. Pin Function Descriptions
Pin
#
Name
Type
Description
1
LPGD
Digital Output
Loop Good indication. When the laser driver's output current equals to the set-point current
value, and there is no short nor open circuit at the output, this pin is pulled up high by an
internal 3k
Ω resistor to an internal 4V power supply as shown in Figure 3; when the output
current is not equal to the set-point current, such as there is an open circuit at the output, or
the load has too high a resistance that even the output voltage reaches the power supply
voltage, the output current is still lower than the set-point value, this pin is pulled low by an
open drain MOSFET of which Rdson <500
Ω. When outputting the low value, the sinking
capability is <0.5V at 1mA.
2
SBDN
Analog/Digital
Input
Standby and Shutdown Control. This pin has 3 states: between 0V
∼0.4V, it shuts down the
entire laser driver; between 2.1V
∼ 2.4V, it sets the laser driver to standby mode; between
2.6V
∼ 15V, it sets the laser driver to operation mode. The input current on this pin is
<2µA.
3
PCN
Digital Input
Pulse Control input. This pin toggles the laser output current to change between two pre-set
values: a low value set by the LISL pin @ PCN = 0V
∼ 0.4V and a high value set by the
LISH pin @ PCN = 1.4V
∼ 4V. This PCN pin is pulled high to an internal 4V rail by a
1M
Ω resistor and there is a serial 20kΩ resistor between PCN and the electronic switch, see
Figure 3. Between 0V
∼ 4V, the pull up resistor causes most of the current on this pin, the
electronic switch input current is < ±1µA. The maximum voltage on this pin is 16V, at
which the pull down current will be caused by the serial 20k
Ω clamped by an over voltage
protector of 5V, the current will be (16V
−5V)/20kΩ = 110µA.
The rise and fall time of the output is 28µs when PCN pin is switched.
4
GND
Signal Ground
Signal Ground pin. Connect ADC and DAC grounds here. When using POTs
(potentiometer) to set the output currents, connect the ground terminal of the POTs here.
See Figure 7.
5
2.5VR
Analog Output
Voltage Reference, 2.5V, output. It can source and sink up to 10mA output current, with a
very low 5
μVP-P noise between 0.1Hz to 10Hz and 6ppm/°C stability. Under Standby
Mode, this pin is still working.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com