công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATLS3A201D bảng dữ liệu(PDF) 3 Page - Analog Technologies, Inc.

tên linh kiện ATLS3A201D
Giải thích chi tiết về linh kiện  Constant Current Laser Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Trang chủ  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS3A201D bảng dữ liệu(HTML) 3 Page - Analog Technologies, Inc.

  ATLS3A201D Datasheet HTML 1Page - Analog Technologies, Inc. ATLS3A201D Datasheet HTML 2Page - Analog Technologies, Inc. ATLS3A201D Datasheet HTML 3Page - Analog Technologies, Inc. ATLS3A201D Datasheet HTML 4Page - Analog Technologies, Inc. ATLS3A201D Datasheet HTML 5Page - Analog Technologies, Inc. ATLS3A201D Datasheet HTML 6Page - Analog Technologies, Inc. ATLS3A201D Datasheet HTML 7Page - Analog Technologies, Inc. ATLS3A201D Datasheet HTML 8Page - Analog Technologies, Inc. ATLS3A201D Datasheet HTML 9Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/18/2022
Email: staff@analogti.com/sales@analogti.com
3
Analog Technologies
ATLS3A201D
Constant Current Laser Driver
OPERATION PRINCIPLE
The block diagram of the driver is shown in Figure 3. The
shut down control circuit accepts signals from 3 sources:
external shut down, over current and over temperature
signals. When any of these signals is activated, the driver is
shut down. Only when none all these 3 signals is activated, a
soft start circuit starts enabling the driver stage.
The soft start circuit increases the output current slowly at
the start up time and shuts down the current quickly.
Thermal shutdown circuit turns the driver off if the junction
temperature exceeds 150°C. The driver is released from
shutdown automatically when the junction temperature
decreases to 10°C below the thermal shutdown trip point,
and starts up under control of the soft start circuit. The over
current protection circuit turns the driver off if the output
current exceeds 10A @ VVPS=3.1V or 12A @ VVPS=6V.
The high stability low noise 2.5V voltage reference is
provided for setting the output current by setting the LIS’
voltage, and can also be used for the ADCs and/or DACs.
The laser diode status indication circuit monitors laser diode
status. When LDGD pin is high, >2V, the control loop is
working properly; when this pin goes low, <0.3V, the laser
diode is bad, or there is a short or open circuit at the laser
diode.
The laser current control indication circuit shows the driving
status for the output current. When this voltage is between
0.2V to 1.8V, the output voltage on the laser diode is
between 4.8V to 0V.
The current measurement circuit monitors the output current
and shuts down the driver upon detecting the output current
exceeds the pre-set value. It also provides a signal, LIO,
indicating the actual laser diode current. The relationship is:
Laser current = 1.2 × VLIO (A).
driver
EA
LDA
LIS
PGND
LIO
LIGD
9
5
6
8
10
Over current
protection
Current
measurement
Laser
diode
& thermal
shutdown
Laser
diode
voltage
Constant
current
2.5V
reference
Soft start
LDGD
2
SDN
1
2.5VR
4
indication
status
Laser current
control indication
Figure 3. Block Diagram
APPLICATION INFORMATION
To power GND
+5V
LIO
6
VPS
12
PGND 10
LIGD 8
LDA 9
GND
3
2.5VR
4
LIS
5
PGND 11
GND 7
LDGD
2
SDN
1
Laser Driver
A
K
Laser diode
D2
(Clock-wise)
S1 Shutdown
A
K
D1
LED
To DC voltmeter
To DC voltmeter
To signal GND
3
1 W1 10K
Figure 4.1. A Typical Stand-alone Application Schematic for ATLS3A201D
LDC
LDC



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com