công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATLS2A202D bảng dữ liệu(PDF) 2 Page - Analog Technologies, Inc.

tên linh kiện ATLS2A202D
Giải thích chi tiết về linh kiện  Constant Current Laser Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Trang chủ  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS2A202D bảng dữ liệu(HTML) 2 Page - Analog Technologies, Inc.

  ATLS2A202D Datasheet HTML 1Page - Analog Technologies, Inc. ATLS2A202D Datasheet HTML 2Page - Analog Technologies, Inc. ATLS2A202D Datasheet HTML 3Page - Analog Technologies, Inc. ATLS2A202D Datasheet HTML 4Page - Analog Technologies, Inc. ATLS2A202D Datasheet HTML 5Page - Analog Technologies, Inc. ATLS2A202D Datasheet HTML 6Page - Analog Technologies, Inc. ATLS2A202D Datasheet HTML 7Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/20/2022
Email: staff@analogti.com/sales@analogti.com
2
Analog Technologies
ATLS2A202D
Constant Current Laser Driver
eliminating beating interferences. If other switching frequency is needed,
please tell us, it can be specified from 300kHz to 700kHz.
3, 7
GND
Signal Ground
Signal ground pin. Connect ADCs and DACs grounds to here.
4
2.5VR
Analog Output
Reference voltage. It can source 3mA max, with 5
μVP-P noise @ 0.1 to
10Hz and 25ppm/
°C stability max.
5
LIS
Analog Input
Laser current set-point voltage. There is an input resistor of 10M tied to
GND. Setting it from 0V to 2.5V will set the laser current from 0A to 2A
linearly.
6
LIO
Analog Output
Laser current output indication. 0V to 2.5V indicates the laser current of
from 0A to 2A linearly.
8
LDGD
Digital Output
Laser diode good. When this pin is high, >2V, the control loop is working
properly. When this pin is low, <0.3V, the laser diode is bad, or there is a
short or open circuit at the laser diode.
9
LDA
Analog Output
Laser diode anode. Connect it to the anode of the laser diode.
10
LDC
Analog Output
Laser diode anode. Connect it to the cathode of the laser diode.
11
PGND
Power Ground
Power ground pin. Connect this pin directly to power supply return pass.
12
VPS
Power Input
Power supply voltage. The driver will work from VVPS = 3.0V to 5.5V.
SPECIFICATIONS
Table 2. Characteristics (Tambient = 25
°C)
Parameter
Value
Unit
Laser driver efficiency
≥90
%
Maximum output current
2
A
Current output noise
(VIN = 5V; VOUT = 2.5V;
IOUT = 500mA)
3.71
μAP-P
@
0.1Hz-
10Hz
Stability
100
ppm/
°C
Laser current control signal level
0 ~ 2.5
V
Control accuracy
±0.2
%
Laser current indication signal level
0 ~ 2.5
V
Indication accuracy
±0.2
%
Output reference voltage
2.5
V
Power supply voltage range
3.0 ~ 5.5
V
Operating case temperature
−40 ~ 125
°C
Rise times of small signal
70
µS
Fall times of small signal
70
µS
Rise times of large signal
352
µS
Fall times of large signal
184
µS
OPERATION PRINCIPLE
The block diagram of the driver is shown in Figure 3. The shut
down control circuit accepts signals from 3 sources: external
shut down, over current and over temperature signals. When
one of these signals is activated, the driver is shut down. Only
when all these 3 signals go up, the soft start circuit starts
enabling the low noise driver.
It comes with a laser diode status indication circuit. When
LDGD pin is high, >2V, the control loop is working properly.
When this pin is low, <0.3V, the laser diode is bad, or there is a
short or open circuit at the laser diode.
The high stability low noise 2.5V voltage reference can be used
for setting the output current, and also be used for the ADCs
and/or DACs.
An internal soft start circuit allows a slow start up and a quick
shut down.
The current measurement circuit monitors the output current
and shuts down the driver upon detecting the output current
exceeds the pre-set value.



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com