| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AND9698D bảng dữ liệu(PDF) 2 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AND9698D bảng dữ liệu(HTML) 2 Page - ON Semiconductor |
|
2 / 12 page ![]() © Semiconductor Components Industries, LLC, 2021 May, 2021 − Rev. 1 1 Publication Order Number: AND9698/D DVK-2 Quick Start Guide AND9698/D DVK−2 Introduction DVK−2 Base−kit The DVK−2 is designed as quick start solution for the development of applications with AX micro−controllers and radio−chips. The DVK−2 base−kit is the development platform for applications based on the AX8052F1xx micro−controller family. With the available radio add−on−kits it becomes the ideal platform for radio performance evaluation and radio system development. The DVK−2 is compatible with AX−RadioLab and AxCode::Blocks development software for the PC. Figure 1. Content of the DVK−2 BASE KIT The DVK−2 base−kit comes with: • 2x mainboards with radio−module connectors for one radio add−on−kit module, AX8052F100 20 MIPS ultra−low−power micro−controller, LCD display, 4 buttons, 4 LEDs, AX debug connector and battery connector for 3 AA batteries • 1x AXDBG debug adaptor • 1x Mini USB cable • 1x Debug cable DVK−2 Add−on−kits For evaluation of AX radio ICs, a variety of add−on−kits are available. A radio add−on−kit consists of a pair of radio add−on modules and antennas. Pictured below is an example of a DVK−2 add−on module. Each add−on kit contains two modules. www.onsemi.com APPLICATION NOTE |