công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCF8545BTT bảng dữ liệu(PDF) 21 Page - NXP Semiconductors

tên linh kiện PCF8545BTT
Giải thích chi tiết về linh kiện  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545BTT bảng dữ liệu(HTML) 21 Page - NXP Semiconductors

Back Button PCF8545BTT Datasheet HTML 17Page - NXP Semiconductors PCF8545BTT Datasheet HTML 18Page - NXP Semiconductors PCF8545BTT Datasheet HTML 19Page - NXP Semiconductors PCF8545BTT Datasheet HTML 20Page - NXP Semiconductors PCF8545BTT Datasheet HTML 21Page - NXP Semiconductors PCF8545BTT Datasheet HTML 22Page - NXP Semiconductors PCF8545BTT Datasheet HTML 23Page - NXP Semiconductors PCF8545BTT Datasheet HTML 24Page - NXP Semiconductors PCF8545BTT Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
21 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
8.5.2.2
Frame inversion mode (driving scheme B)
In frame inversion mode, the DC value is compensated across two frames and not within
one frame. Changing the inversion mode to frame inversion reduces the power
consumption, therefore it is useful when power consumption is a key point in the
application.
Frame inversion may not be suitable for all applications. The RMS voltage across a
segment is better defined, however since the switching frequency is reduced there is
possibility for flicker to occur.
8.5.3 Command: Display-ctrl
The Display-ctrl command enables or disables the display.
Table 22.
Display-ctrl - display on and off switch command bit description
Bit
Symbol
Value
Description
-R/W
0
fixed value
-
RS[1:0]
00
fixed value
7 to 1
-
0011100
fixed value
0DE
display control
0
display disabled
1
display enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More