| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCA2117DUGS/DA bảng dữ liệu(PDF) 25 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA2117DUGS/DA bảng dữ liệu(HTML) 25 Page - NXP Semiconductors |
|
25 / 107 page ![]() PCA2117 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet Rev. 4 — 8 April 2015 25 of 107 NXP Semiconductors PCA2117 Automotive LCD driver for character displays [1] Default value. 8.1.3.2 Command: Set_VLCD_A and Set_VLCD_B The Set_VLCD_A and Set_VLCD_B commands allow programming the VLCD value of the character and icon mode, respectively. The generated VLCD is independent of the power supply, allowing battery operation of the PCA2117. [1] Default value. 8.1.4 Temperature compensation control commands 8.1.4.1 Command: Temperature_ctrl The Temperature_ctrl command enables or disables the temperature measurement block and the temperature compensation of VLCD (see Section 8.4.5). Table 31. Set_VLCD_A and Set_VLCD_B - set VLCD command bit description See Section 8.4.3.1. Bit Symbol Value Description Set_VLCD_A command bit description The 5 MSB of VLCDA -R/W 0 fixed value - RS[1:0] 11 fixed value 7 to 5 - 101 fixed value 4 to 0 VLCDA[8:4] 00000[1] to 11111 VLCD value of VLCDA The 4 LSB of VLCDA -R/W 0 fixed value - RS[1:0] 11 fixed value 7 to 4 - 1001 fixed value 3 to 0 VLCDA[3:0] 0000[1] to 1111 VLCD value of VLCDA Set_VLCD_B command bit description The 5 MSB of VLCDB -R/W 0 fixed value - RS[1:0] 11 fixed value 7 to 5 - 110 fixed value 4 to 0 VLCDB[8:4] 00000[1] to 11111 VLCD value of VLCDB The 4 LSB of VLCDB -R/W 0 fixed value - RS[1:0] 11 fixed value 7 to 4 - 1110 fixed value 3 to 0 VLCDB[3:0] 0000[1] to 1111 VLCD value of VLCDB |