công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RS1007MLS bảng dữ liệu(PDF) 1 Page - Rectron Semiconductor

tên linh kiện RS1007MLS
Giải thích chi tiết về linh kiện  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 10 Amperes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RECTRON [Rectron Semiconductor]
Trang chủ  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RS1007MLS bảng dữ liệu(HTML) 1 Page - Rectron Semiconductor

  RS1007MLS Datasheet HTML 1Page - Rectron Semiconductor RS1007MLS Datasheet HTML 2Page - Rectron Semiconductor RS1007MLS Datasheet HTML 3Page - Rectron Semiconductor RS1007MLS Datasheet HTML 4Page - Rectron Semiconductor RS1007MLS Datasheet HTML 5Page - Rectron Semiconductor RS1007MLS Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES
MECHANICAL DATA
* Epoxy: Device has UL flammability classification 94V-O
* MSL: Level 1
RS-10MLS
RS1001MLS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified.
SINGLE-PHASE GLASS PASSIVATED
SILICON BRIDGE RECTIFIER
2017-05
REV: O47
MAXIMUM CHARACTERISTICS ( @ TA = 25
oC unless otherwise noted )
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load
Maximum Average Forward Rectified Output Current
at Tc=95
C degree with heatsink
Typical Thermal Resistance from junction to case
Operating and Storage Temperature Range
CHARACTERISTICS
SYMBOL
UNITS
150
Amps
Amps
Volts
Volts
Volts
OC/W
OC
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
ELECTRICAL CHARACTERISTICS ( @ TA = 25
oC unless otherwise noted )
CHARACTERISTICS
Maximum Forward Voltage Drop per element at 5.0A DC
Maximum Reverse Current at Rated
DC Blocking Voltage per element
SYMBOL
VF
IR
VRRM
VRMS
VDC
IO
IFSM
R JC
TJ,TSTG
RS1001MLS
RS1004MLS RS1005MLS RS1006MLS RS1007MLS
800
560
800
28
UNITS
1.1
0.2
Volts
10
-55 to + 150
2.8
*
*
*
Low leakage
Low forward voltage
Mounting position : Any
Surge overload rating: 150 Amperes peak
Ideal for printed circuit boards
VOLTAGE RANGE 50 to 1000 Volts CURRENT 10 Amperes
*
*
resistive or inductive load.
Typical Thermal Resistance from junction to ambient
R JA
TA=25
OC
TC=100
OC
50
Amps
RS1007MLS
THRU
RS1003MLS
RS1002MLS
50
35
50
1000
700
600
420
600
400
280
400
200
140
200
100
70
100
1000
Note: "Fully ROHS compliant", "100% Sn plating (Pb-free)".
Typical Current Square Time
I2T
A2S
93.37
Volts
Insulation voltage
Viso
3000
O
RS1001MLS
RS1004MLS RS1005MLS RS1006MLS RS1007MLS
RS1003MLS
RS1002MLS
Amps


Số phần tương tự - RS1007MLS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rectron Semiconductor
RS1007M RECTRON-RS1007M Datasheet
30Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 10 Amperes)
logo
Zibo Seno Electronic En...
RS1007M ZSELEC-RS1007M Datasheet
100Kb / 2P
10A GLASS PASSIVATED BRIDGE RECTIFIER
More results

Mô tả tương tự - RS1007MLS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rectron Semiconductor
MDA970G1 RECTRON-MDA970G1 Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes)
RB151 RECTRON-RB151 Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
RBU401M RECTRON-RBU401M_10 Datasheet
243Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes
RS201M RECTRON-RS201M_11 Datasheet
197Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
RS1001M RECTRON-RS1001M_10 Datasheet
488Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 10 Amperes
DB201LS RECTRON-DB201LS Datasheet
487Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
2020-04/97 REV:A
KBL401 RECTRON-KBL401 Datasheet
125Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes
2020-04/10 REV:A
MP5005 RECTRON-MP5005 Datasheet
568Kb / 5P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 50 Amperes SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2020-09 REV: B
MSB601M RECTRON-MSB601M Datasheet
117Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes
2020-01/47 REV:O
RS2501MLS RECTRON-RS2501MLS Datasheet
299Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes
2019-06/47 REV: O
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com