| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC12F510-I/SPSQTP bảng dữ liệu(PDF) 80 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F510-I/SPSQTP bảng dữ liệu(HTML) 80 Page - Microchip Technology |
|
80 / 114 page ![]() PIC12F510/16F506 DS41268B-page 78 Preliminary © 2006 Microchip Technology Inc. TRIS Load TRIS Register Syntax: [ label ] TRIS f Operands: f = 6 Operation: (W) → TRIS register f Status Affected: None Description: TRIS register ‘f’ (f = 6 or 7) is loaded with the contents of the W register XORLW Exclusive OR literal with W Syntax: [label ]XORLW k Operands: 0 ≤ k ≤ 255 Operation: (W) .XOR. k → (W) Status Affected: Z Description: The contents of the W register are XOR’ed with the eight-bit literal ‘k’. The result is placed in the W register. XORWF Exclusive OR W with f Syntax: [ label ] XORWF f,d Operands: 0 ≤ f ≤ 31 d ∈ [0,1] Operation: (W) .XOR. (f) → (dest) Status Affected: Z Description: Exclusive OR the contents of the W register with register ‘f’. If ‘d’ is ‘0’, the result is stored in the W register. If ‘d’ is ‘1’, the result is stored back in register ‘f’. |