| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC12F510-E/LSQTP bảng dữ liệu(PDF) 37 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F510-E/LSQTP bảng dữ liệu(HTML) 37 Page - Microchip Technology |
|
37 / 114 page ![]() © 2006 Microchip Technology Inc. Preliminary DS41268B-page 35 PIC12F510/16F506 TABLE 5-5: REQUIREMENTS FOR DIGITAL PIN OPERATION (PIC12F510) GP0 GP0 GP1 GP1 GP2 GP2 GP3 GP4 GP5 CM1CON0 C1ON 01 0 1 0 1 — — — C1PREF — 0 — 1 — — — — — C1NREF — — — 0 — — — — — C1T0CS — — — — — 1 — — — C1OUTEN — — — — — 1 — — — CM2CON0 C2ON — — — — — — — — — C2PREF1 — — — — — — — — — C2PREF2 — — — — — — — — — C2NREF — — — — — — — — — C2OUTEN — — — — — — — — — VRCON0 VROE — — — — — — — — — VREN — — — — — — — — — OPTION T0CS — — — — — 0 — — — ADCON0 ANS<1:0> 00 , 01 00 , 01 00 , 01, 10 00, 01, 10 00 00 — — — CONFIG MCLRE — — — — — — — — — INTOSC — — — — — — — — — LP — — — — — — — Disabled Disabled EXTRC — — — — — — — — Disabled XT — — — — — — — Disabled Disabled Note 1: Multiple column entries for a pin demonstrate the different permutations to arrive at digital functionality for the pin. 2: Shaded cells indicate the bit status does not affect the pins digital functionality. |