công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC12F510-I/LSQTP bảng dữ liệu(PDF) 9 Page - Microchip Technology

tên linh kiện PIC12F510-I/LSQTP
Giải thích chi tiết về linh kiện  8/14-Pin, 8-Bit Flash Microcontroller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F510-I/LSQTP bảng dữ liệu(HTML) 9 Page - Microchip Technology

Back Button PIC12F510-I/LSQTP Datasheet HTML 5Page - Microchip Technology PIC12F510-I/LSQTP Datasheet HTML 6Page - Microchip Technology PIC12F510-I/LSQTP Datasheet HTML 7Page - Microchip Technology PIC12F510-I/LSQTP Datasheet HTML 8Page - Microchip Technology PIC12F510-I/LSQTP Datasheet HTML 9Page - Microchip Technology PIC12F510-I/LSQTP Datasheet HTML 10Page - Microchip Technology PIC12F510-I/LSQTP Datasheet HTML 11Page - Microchip Technology PIC12F510-I/LSQTP Datasheet HTML 12Page - Microchip Technology PIC12F510-I/LSQTP Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 114 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41268B-page 7
PIC12F510/16F506
2.0
PIC12F510/16F506 DEVICE
VARIETIES
A variety of packaging options are available. Depend-
ing on application and production requirements, the
proper device option can be selected using the
information in this section. When placing orders, please
use the PIC12F510/16F506 Product Identification
System at the back of this data sheet to specify the
correct part number.
2.1
Quick Turn Programming (QTP)
Devices
Microchip offers a QTP programming service for
factory production orders. This service is made
available for users who choose not to program
medium-to-high
quantity
units
and
whose
code
patterns have stabilized. The devices are identical to
the Flash devices, but with all Flash locations and fuse
options already programmed by the factory. Certain
code and prototype verification procedures do apply
before production shipments are available. Please
contact your local Microchip Technology sales office for
more details.
2.2
Serialized Quick Turn
ProgrammingSM (SQTPSM) Devices
Microchip offers a unique programming service, where
a few user-defined locations in each device are
programmed with different serial numbers. The serial
numbers
may
be
random,
pseudo-random
or
sequential.
Serial programming allows each device to have a
unique number, which can serve as an entry code,
password or ID number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More