công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F1230-E/SOSQTP bảng dữ liệu(PDF) 128 Page - Microchip Technology

tên linh kiện PIC18F1230-E/SOSQTP
Giải thích chi tiết về linh kiện  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/SOSQTP bảng dữ liệu(HTML) 128 Page - Microchip Technology

Back Button PIC18F1230-E/SOSQTP Datasheet HTML 124Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 125Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 126Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 127Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 128Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 129Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 130Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 131Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 132Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 312 page
background image
PIC18F1230/1330
DS39758B-page 126
Advance Information
© 2006 Microchip Technology Inc.
13.6.2
DUTY CYCLE REGISTER BUFFERS
The three PWM Duty Cycle registers are double-
buffered to allow glitchless updates of the PWM
outputs. For each duty cycle block, there is a Duty
Cycle Buffer register that is accessible by the user and
a second Duty Cycle register that holds the actual
compare value used in the present PWM period.
In Edge-Aligned PWM Output mode, a new duty cycle
value will be updated whenever a PTMR match with the
PTPER register occurs and PTMR is reset, as shown in
Figure 13-12. Also, the contents of the duty cycle buffers
are automatically loaded into the Duty Cycle registers
when the PWM time base is disabled (PTEN = 0).
When the PWM time base is in the Continuous Up/
Down Count mode, new duty cycle values will be
updated when the value of the PTMR register is zero
and the PWM time base begins to count upwards. The
contents of the duty cycle buffers are automatically
loaded into the Duty Cycle registers when the PWM
time base is disabled (PTEN = 0). Figure 13-13 shows
the timings when the duty cycle update occurs for the
Continuous Up/Down Count mode. In this mode, up to
one entire PWM period is available for calculating and
loading the new PWM duty cycle before changes take
effect.
When the PWM time base is in the Continuous Up/
Down Count mode with double updates, new duty cycle
values will be updated when the value of the PTMR
register is zero and when the value of the PTMR
register matches the value in the PTPER register. The
contents of the duty cycle buffers are automatically
loaded into the Duty Cycle registers during both of the
previously described conditions. Figure 13-14 shows
the duty cycle updates for Continuous Up/Down Count
mode with double updates. In this mode, up to half of a
PWM period is available for calculating and loading the
new PWM duty cycle before changes take effect.
13.6.3
EDGE-ALIGNED PWM
Edge-aligned PWM signals are produced by the module
when the PWM time base is in the Free-Running mode
or the Single-Shot mode. For edge-aligned PWM
outputs, the output for a given PWM channel has a
period specified by the value loaded in PTPER and a
duty cycle specified by the appropriate Duty Cycle
register (see Figure 13-12). The PWM output is driven
active at the beginning of the period (PTMR = 0) and is
driven inactive when the value in the Duty Cycle register
matches PTMR. A new cycle is started when PTMR
matches the PTPER, as explained in the PWM period
section.
If the value in a particular Duty Cycle register is zero,
then the output on the corresponding PWM pin will be
inactive for the entire PWM period. In addition, the out-
put on the PWM pin will be active for the entire PWM
period if the value in the Duty Cycle register is greater
than the value held in the PTPER register.
FIGURE 13-12:
EDGE-ALIGNED PWM
FIGURE 13-13:
DUTY CYCLE UPDATE TIMES IN CONTINUOUS UP/DOWN COUNT MODE
Period
Duty Cycle
0
PTPER
PTMR
Value
New Duty Cycle Latched
Active at
of Period
Beginning
PDCx
PDCx
(new)
(old)
PTMR Value
PWM Output
Duty Cycle Value Loaded from Buffer Register
New Value Written to Duty Cycle Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com