công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F1230-E/SOSQTP bảng dữ liệu(PDF) 12 Page - Microchip Technology

tên linh kiện PIC18F1230-E/SOSQTP
Giải thích chi tiết về linh kiện  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/SOSQTP bảng dữ liệu(HTML) 12 Page - Microchip Technology

Back Button PIC18F1230-E/SOSQTP Datasheet HTML 8Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 9Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 10Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 11Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 12Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 13Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 14Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 15Page - Microchip Technology PIC18F1230-E/SOSQTP Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 312 page
background image
PIC18F1230/1330
DS39758B-page 10
Advance Information
© 2006 Microchip Technology Inc.
FIGURE 1-1:
PIC18F1230/1330 (18-PIN) BLOCK DIAGRAM
Instruction
Decode &
Control
PORTA
RA2/TX/CK
Enhanced
Timer0
Timer1
PCPWM
MCLR/VPP/RA5(1)/FLTA(4)
RA4/T0CKI/AN2/VREF+
RA1/AN1/INT1/KBI1
RA0/AN0/INT0/KBI0/CMP0
Data Latch
Data RAM
Address Latch
Address<12>
12
BSR
FSR0
FSR1
FSR2
4
12
4
PCH PCL
PCLATH
8
31 Level Stack
Program Counter
PRODL
PRODH
8 x 8 Multiply
WREG
8
BIT OP
8
8
ALU<8>
8
Address Latch
(8 Kbytes)
Data Latch
20
21
21
16
8
8
8
inc/dec logic
21
8
Data Bus<8>
8
Instruction
12
3
ROM Latch
Bank0, F
PCLATU
PCU
RA3/RX/DT
USART
8
Register
Table Latch
Table Pointer <2>
inc/dec
logic
RB0/PWM0
Decode
Power-up
Timer
Power-on
Reset
Watchdog
Timer
VDD, VSS
Brown-out
Reset
Precision
Reference
Voltage
Low-Voltage
Programming
In-Circuit
Debugger
Oscillator
Start-up Timer
Timing
Generation
OSC1(2)
OSC2(2)
T1OSI
T1OSO
INTRC
Oscillator
Fail-Safe
Clock Monitor
Note
1:
RA5 is available only when the MCLR Reset is disabled.
2:
OSC1, OSC2, CLKI and CLKO are only available in select oscillator modes and when these pins are not being
used as digital I/O. Refer to Section 2.0 “Oscillator Configurations” for additional information.
3:
Placement of T1OSI and T1OSO/T1CKI depends on the value of the Configuration bit, T1OSCMX, of CONFIG3H.
4:
Placement of FLTA depends on the value of the Configuration bit, FLTAMX, of CONFIG3H.
8
Program Memory
(4 Kbytes)
PIC18F1230
PIC18F1330
10-Bit
Data EEPROM
MCLR(1)
BOR
LVD
A/D Converter
RB1/PWM1
RB7/PWM5/PGD
RA6/OSC2(2)/CLKO(2)/
RA7/OSC1(2)/CLKI(2)/
RB2/INT2/KBI2/CMP2/
RB3/INT3/KBI3/CMP1/
RB6/PWM4/PGC
RB5/PWM3
RB4/PWM2
PORTB
T1OSI(3)
T1OSO(3)/T1CKI(3)
T1OSI(3)/FLTA(4)
T1OSO(3)/T1CKI(3)/AN3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More