| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F1230-E/SOSQTP bảng dữ liệu(PDF) 116 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F1230-E/SOSQTP bảng dữ liệu(HTML) 116 Page - Microchip Technology |
|
116 / 312 page ![]() PIC18F1230/1330 DS39758B-page 114 Advance Information © 2006 Microchip Technology Inc. 13.1 Control Registers The operation of the PWM module is controlled by a total of 20 registers. Eight of these are used to configure the features of the module: • PWM Timer Control Register 0 (PTCON0) • PWM Timer Control Register 1 (PTCON1) • PWM Control Register 0 (PWMCON0) • PWM Control Register 1 (PWMCON1) • Dead-Time Control Register (DTCON) • Output Override Control Register (OVDCOND) • Output State Register (OVDCONS) • Fault Configuration Register (FLTCONFIG) There are also 12 registers that are configured as six register pairs of 16 bits. These are used for the configuration values of specific features. They are: • PWM Time Base Registers (PTMRH and PTMRL) • PWM Time Base Period Registers (PTPERH and PTPERL) • PWM Special Event Compare Registers (SEVTCMPH and SEVTCMPL) • PWM Duty Cycle #0 Registers (PDC0H and PDC0L) • PWM Duty Cycle #1 Registers (PDC1H and PDC1L) • PWM Duty Cycle #2 Registers (PDC2H and PDC2L) All of these register pairs are double-buffered. 13.2 Module Functionality The PWM module supports several modes of operation that are beneficial for specific power and motor control applications. Each mode of operation is described in subsequent sections. The PWM module is composed of several functional blocks. The operation of each is explained separately in relation to the several modes of operation: •PWM Time Base • PWM Time Base Interrupts •PWM Period • PWM Duty Cycle • Dead-Time Generators • PWM Output Overrides • PWM Fault Inputs • PWM Special Event Trigger 13.3 PWM Time Base The PWM time base is provided by a 12-bit timer with prescaler and postscaler functions. A simplified block diagram of the PWM time base is shown in Figure 13-4. The PWM time base is configured through the PTCON0 and PTCON1 registers. The time base is enabled or disabled by respectively setting or clearing the PTEN bit in the PTCON1 register. Note: The PTMR register pair (PTMRL:PTMRH) is not cleared when the PTEN bit is cleared in software. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |