| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
USB5744T/2G bảng dữ liệu(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5744T/2G bảng dữ liệu(HTML) 8 Page - Microchip Technology |
|
8 / 51 page ![]() USB5744 DS00001855L-page 8 2022 Microchip Technology Inc. and its subsidiaries 3.0 PIN DESCRIPTION AND CONFIGURATION 3.1 Pin Assignments Note 1: Configuration straps are identified by an underlined symbol name. Signals that function as configurations traps must be augmented with an external resistor when connected to a load. Refer to Section 3.4, "Config- uration Straps and Programmable Functions" for additional information. FIGURE 3-1: 56-VQFN PIN ASSIGNMENTS Note: Exposed pad (VSS) on bottom of package must be connected to ground with a via field . (Connect exposed pad to ground with a via field) VSS USB5744 56-VQFN (Top View) 4 5 6 7 8 9 10 11 39 38 37 36 35 34 33 32 USB3DN_RXDM1 USB3DN_RXDP1 USB2DN_DP2/PRT_DIS_P2 USB2DN_DM2/PRT_DIS_M2 USB3DN_TXDP2 USB3DN_TXDM2 VDD12 USB3DN_RXDP2 SPI_CE_N/CFG_NON_REM SPI_DI/CFG_BC_EN SPI_CLK/SMCLK VDD12 VDD33 USB3DN_RXDM4 VBUS_DET SPI_DO/SMDAT 2 3 12 13 31 30 41 40 VDD12 USB3DN_TXDM1 USB3DN_TXDP1 USB2DN_DM1/PRT_DIS_M1 PRT_CTL1 PRT_CTL2 PRT_CTL3 PRT_CTL4/GANG_PWR 1 USB2DN_DP1/PRT_DIS_P1 14 USB3DN_RXDM2 29 USB3DN_RXDP4 RESET_N 42 |