công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MIC4424-ZN bảng dữ liệu(PDF) 3 Page - Microchip Technology

tên linh kiện MIC4424-ZN
Giải thích chi tiết về linh kiện  Dual 3A Peak Low-Side MOSFET Drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4424-ZN bảng dữ liệu(HTML) 3 Page - Microchip Technology

  MIC4424-ZN Datasheet HTML 1Page - Microchip Technology MIC4424-ZN Datasheet HTML 2Page - Microchip Technology MIC4424-ZN Datasheet HTML 3Page - Microchip Technology MIC4424-ZN Datasheet HTML 4Page - Microchip Technology MIC4424-ZN Datasheet HTML 5Page - Microchip Technology MIC4424-ZN Datasheet HTML 6Page - Microchip Technology MIC4424-ZN Datasheet HTML 7Page - Microchip Technology MIC4424-ZN Datasheet HTML 8Page - Microchip Technology MIC4424-ZN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006638A-page 3
MIC4423/4/5
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage ..........................................................................................................................................................+22V
Input Voltage .................................................................................................................................. VS +0.3V to GND –5V
Junction Temperature............................................................................................................................................ +150°C
Storage Temperature Range.................................................................................................................. –65°C to +150°C
Lead Temperature (10 sec.).................................................................................................................................. +300°C
ESD Susceptability, (Note 1)...................................................................................................................................1000V
Operating Ratings ‡
Supply Voltage (VS) ................................................................................................................................... +4.5V to +18V
Package Thermal Resistance
DIP JA................................................................................................................................................................130°C/W
DIP JC..................................................................................................................................................................42°C/W
Wide-SOIC JA....................................................................................................................................................120°C/W
Wide-SOIC JC......................................................................................................................................................75°C/W
SOIC JA.............................................................................................................................................................120°C/W
SOIC JC...............................................................................................................................................................75°C/W
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability. Specifications are for packaged product only.
‡ Notice: The device is not guaranteed to function outside its operating ratings.
Note 1: Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5 kΩ in series
with 100 pF.
TABLE 1-1:
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: 4.5V ≤ VS ≤ 18V; TA = +25°C, Bold values indicate –40°C ≤ TA ≤ +85°C; unless
otherwise specified. Specifications for packaged product only.
Parameter
Symbol
Min.
Typ.
Max.
Units Conditions
Input
Logic 1 Input Voltage
VIH
2.4
—
—
V
—
Logic 0 Input Voltage
VIH
—
—
0.8
V
—
Input Current
IIN
–1
—
1
µA
0V ≤ VIN ≤ VS
–10
—
10
—
Output
High Output Voltage
VOH
VS–0.025
—
—
V
—
Low Output Voltage
VOL
—
—
0.025
V
—
Output Resistance HI State
RO
—
2.8
5
Ω
IOUT = 10 mA, VS = 18V
—
3.7
8
Ω
VIN = 0.8V, IOUT = 10 mA, VS =
18V
Output Resistance LO State
—
3.5
5
Ω
IOUT = 10 mA, VS = 18V
—
4.3
8
Ω
VIN = 2.4V, IOUT = 10 mA, VS =
18V
Peak Output Resistance
IPK
—
3
—
A
—
Latch-Up Protection Withstand
Reverse Current
I
>500
—
—
mA
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26