| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
USB5744-I/2G bảng dữ liệu(PDF) 30 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5744-I/2G bảng dữ liệu(HTML) 30 Page - Microchip Technology |
|
30 / 51 page ![]() USB5744 DS00001855L-page 30 2022 Microchip Technology Inc. and its subsidiaries Note: The CFG_BC_EN configuration strap must be properly configured to enable battery charging on the appro- priate ports. For example, in the application shown in Figure 8-7, CFG_BC_EN must be connected to an external 10 kΩ pull-down resistor to enable battery charging on Ports 1 and 2. For more information on the CFG_BC_EN configuration strap, refer to Section 3.4.4, "Battery Charging Configuration (CFG_BC_EN)". |