| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
USB5744 bảng dữ liệu(PDF) 49 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5744 bảng dữ liệu(HTML) 49 Page - Microchip Technology |
|
49 / 51 page ![]() 2022 Microchip Technology Inc. and its subsidiaries DS00001855L-page 49 USB5744 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . All USB5744 SKUs are now supported by B step silicon. Note that not all SKUs include the ‘B’ indicator in the part number. Device: USB5744 Tape and Reel Option: Blank = Standard packaging (tray) T = Tape and Reel (Note 1) Temperature Range: Blank = 0 C to +70C (Commercial) I= -40 C to +85C (Industrial) Package: 2G = 56-pin VQFN Special (optional): Blank = Standard Configuration X01 = Hub Feature Controller disabled SEU = Single Event Upset (Low Alpha Emissions Package) Examples: a) USB5744/2G Tray, Commercial temp., 56-pin VQFN b) USB5744-I/2G Tray, Industrial temp., 56-pin VQFN c) USB5744T-I/2G Tape & reel, Industrial temp., 56-pin VQFN d) USB5744T/2G Tape & reel, Commercial temp., 56-pin VQFN e) USB5744B/2GX01 Tray, Commercial temp., 56-pin VQFN Hub Feature Controller disabled f) USB5744-I/2GSEU Tape & reel, Industrial temp., 56-pin VQFN Single Event Upset (Low Alpha Emissions Package) Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. PART NO. Device Tape & Reel [X] Option Temperature Range [-X] / XX Package XXX Special (Optional) |