| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
USB5742B bảng dữ liệu(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5742B bảng dữ liệu(HTML) 22 Page - Microchip Technology |
|
22 / 48 page ![]() USB5742B DS00002016H-page 22 2022 Microchip Technology Inc. and its subsidiaries 5.1.8 NORMAL MODE Lastly, the hub enters Normal Mode of operation. In this stage full USB operation is supported under control of the USB Host on the upstream port. The device will remain in the normal mode until the operating mode is changed by the sys- tem. If RESET_N is asserted low, then Standby Mode is entered. The device may then be placed into any of the designated hub stages. Asserting a soft disconnect on the upstream port will cause the hub to return to the Hub.Connect stage until the soft disconnect is negated. |