công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MIC2774 bảng dữ liệu(PDF) 6 Page - Microchip Technology

tên linh kiện MIC2774
Giải thích chi tiết về linh kiện  Dual Micropower Low Voltage Supervisor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2774 bảng dữ liệu(HTML) 6 Page - Microchip Technology

Back Button MIC2774 Datasheet HTML 2Page - Microchip Technology MIC2774 Datasheet HTML 3Page - Microchip Technology MIC2774 Datasheet HTML 4Page - Microchip Technology MIC2774 Datasheet HTML 5Page - Microchip Technology MIC2774 Datasheet HTML 6Page - Microchip Technology MIC2774 Datasheet HTML 7Page - Microchip Technology MIC2774 Datasheet HTML 8Page - Microchip Technology MIC2774 Datasheet HTML 9Page - Microchip Technology MIC2774 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MIC2774
DS20006527A-page 6
2022 Microchip Technology Inc.
3.0
FUNCTIONAL DESCRIPTION
3.1
IN, Undervoltage Detector Input
The voltage present at the IN pin is compared to the
internal 300 mV reference voltage. A reset is triggered
if and when VIN falls below VREF. Typically, a resistor
divider is used to scale the input voltage to be
monitored such that VIN will fall below VREF as the
voltage being monitored falls below the desired
trip-point. Hysteresis is employed to prevent chattering
due to noise. The comparator on the IN pin is relatively
immune to very brief negative-going transients.
3.2
VDD Input
The VDD pin is both the power supply terminal and a
monitored input voltage. The voltage at this pin is
continually compared against the internal reference.
The trip-point at which a reset occurs is
factory-programmed. A reset is triggered if and when
VDD falls below the trip-point. Hysteresis is employed to
prevent chattering due to noise. The comparator on the
VDD input is relatively immune to very brief
negative-going transients.
3.3
RST, /RST Reset Output
Typically, the MIC2774 is used to monitor the power
supplies of intelligent circuits such as microcontrollers
and microprocessors. By connecting the appropriate
reset output of an MIC2774 to the reset input of a µC or
µP, the processor will be properly reset at power-on,
power-down, and during brown-out conditions. In
addition, asserting /MR, the manual reset input, will
activate the reset function.
The reset output is asserted any time /MR is asserted,
or if VIN or VDD drops below the corresponding
threshold voltage. The reset output remains asserted
for tRST(min) after VIN and/or VDD subsequently return
above the threshold boundaries and/or /MR is
released. A reset pulse is also generated at power-on.
Hysteresis is included in the comparators to prevent
chattering of the output due to noise.
3.4
/MR, Manual Reset Input
The ability to initiate a reset via external logic or a
manual switch is provided in addition to the MIC2774’s
automatic supervisory functions. Driving the /MR input
to a logic low causes an immediate and unconditional
reset to occur. Assuming VIN and VDD are within
tolerance when /MR is released (returns high), the
reset output will be de-asserted no less than tRST later.
/MR may be driven by a logic signal or mechanical
switch. Typically, a momentary push-button switch is
connected such that /MR is shorted to ground when the
switch contacts close. Switch de-bouncing is
performed internally; the switch may be connected
directly between /MR and GND. /MR is internally pulled
up to VDD and may be left open if unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com