| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
0LEXYYCSX bảng dữ liệu(PDF) 3 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
0LEXYYCSX bảng dữ liệu(HTML) 3 Page - Littelfuse |
|
3 / 6 page ![]() Littelfuse.com @ 2020 Littelfuse, Inc. Rev: 052720 3 of 6 POWR-GARD® Blocks and Holders IN-LINE WATERTIGHT FUSE HOLDERS SINGLE POLE DOUBLE POLE LOAD TERMINAL SELECTION LINE TERMINAL SELECTION STANDARD PART NUMBER BREAKAWAY PART NUMBER* STANDARD PART NUMBER BREAKAWAY PART NUMBER* TERMINAL TYPE WIRE SIZE RANGE WIRES PER TERMINAL SOLID WIRE STRANDED WIRE TERMINAL TYPE WIRE SIZE RANGE WIRES PER TERMINAL SOLID WIRE STRANDED WIRE LEB-AA-K LEC-AA LEB-AA-SK LEC-AA-S LEX-AA LEY-AA LEX-AA-S LEY-AA-S Copper Crimp #12 to #8 #12 1 2 • • • • Copper Crimp #12 to #8 #12 1 2 • • • • LEB-AB-K LEC-AB LEB-AB-S LEC-AB-S LEX-AB LEY-AB LEX-AB-S LEY-AB-S Copper Crimp #12 to #8 #12 1 2 • • • • Copper Crimp #10 #6 #4 2 1 1 • • — • • • LEB-AC LEC-AC — — LEX-AC LEY-AC — Copper Crimp #12 to #8 #12 1 2 • • • • Copper Crimp #8 #4 2 1 • — • • LEB-AD LEC-AD — — LEX-AD LEY-AD — — Copper Crimp #12 to #8 #12 1 2 • • • • Copper Crimp #6 #2 2 1 • — • • LEB-AJ LEC-AJ LEB-AJ- S LEC-AJ-S — — Copper Crimp #12 to #8 #12 1 2 • • • • Copper Set-Screw #12 to #8 #10 to #2 1 1 • — — • LEB-AYC LEC-AYC LEB-AYC-SK LEC-AYC-S LEX-AYC LEY-AYC LEX-AYC-S LEY-AYC-S Copper Crimp #12 to #8 #12 1 2 • • • • "Y" Type Copper Set-Screw #12 to #8 #10 to #2 1 1 • — — • LEB-BA LEC-BA LEB-BA-S LEC-BA-S LEX-BA LEY-BA LEX-BA-S LEY-BA-S Copper Crimp #10 #6 #4 2 1 1 • • — • • • Copper Crimp #12 to #8 #12 1 2 • • • • LEB-BB-K LEC-BB LEB-BB-S LEC-BB-S LEX-BB LEY-BB LEX-BB-S LEY-BB-S Copper Crimp #10 #6 #4 2 1 1 • • — • • • Copper Crimp #10 #6 #4 2 1 1 • • — • • • LEB-BC LEC-BC — — LEX-BC LEY-BC — — Copper Crimp #10 #6 #4 2 1 1 • • — • • • Copper Crimp #8 #4 2 1 • — • • LEB-BD LEC-BD — — LEX-BD LEY-BD — — Copper Crimp #10 #6 #4 2 1 1 • • — • • • Copper Crimp #6 #2 2 1 • — • • LEB-BJ LEC-BJ LEB-BJ-S LEC-BJ-S — — — — Copper Crimp #10 #6 #4 2 1 1 • • — • • • Copper Set-Screw #12 to #8 #10 - #2 1 1 • — — • LEB-BYC LEC-BYC LEB-BYC-S LEC-BYC-S LEX-BYC LEY-BYC LEX-BYC-S LEY-BYC-S Copper Crimp #10 #6 #4 2 1 1 • • — • • • "Y" Type Copper Set-Screw #12 to #8 #10 - #2 1 1 • — — • LEB-CA LEC-CA — — LEX-CA LEY-CA — — Copper Crimp #8 #4 2 1 • — • • Copper Crimp #12 to #8 #12 1 2 • • • • LEB-CB LEC-CB — — LEX-CB LEY-CB — — Copper Crimp #8 #4 2 1 • — • • Copper Crimp #10 #6 #4 2 1 1 • • — • • • LEB-CC LEC-CC — — LEX-CC LEY-CC — — Copper Crimp #8 #4 2 1 • — • • Copper Crimp #8 #4 2 1 • — • • LEB-CD LEC-CD — — LEX-CD LEY-CD — — Copper Crimp #8 #4 2 1 • — • • Copper Crimp #6 #2 2 1 • — • • LEB-CJ LEC-CJ — — LEX-CJ LEY-CJ — — Copper Crimp #8 #4 2 1 • — • • Copper Set-Screw #12 to #8 #10 - #2 1 1 • — • • LEB-CYC LEC-CYC — — LEX-CYC LEY-CYC — — Copper Crimp #8 #4 2 1 • — • • "Y" Type Copper Set-Screw #12 to #8 #10 to #2 1 1 • — — • LEB-DA LEC-DA — — LEX-DA LEY-DA — — Copper Crimp #6 #2 2 1 • — • • Copper Crimp #12 to #8 #12 1 2 • • — • LEB-DB LEC-DB — — LEX-DB LEY-DB — — Copper Crimp #6 #2 2 1 • — • • Copper Crimp #10 #6 #4 2 1 1 • • — • • • LEB-DC LEC-DC — — LEX-DC LEY-DC — — Copper Crimp #6 #2 2 1 • — • • Copper Crimp #8 #4 2 1 • — • • LEB-DD LEC-DD — — LEX-DD LEY-DD — — Copper Crimp #6 #2 2 1 • — • • Copper Crimp #6 #2 2 1 • — • • LEB-DJ LEC-DJ — — LEX-DJ LEY-DJ — — Copper Crimp #6 #2 2 1 • — • • Copper Set-Screw #12 to #8 #10 - #8 2 1 • — • • LEB-DYC LEC-DYC — — LEX-DYC LEY-DYC — — Copper Crimp #6 #2 2 1 • — • • "Y" Type Copper Set-Screw #12 to #8 #10 to #8 1 1 • — — • LEB-JJ-K LEC-JJ LEB-JJ-SK LEC-JJ-S LEX-JJ LEY-JJ LEX-JJ-S LEY-JJ-S Copper Set-Screw #12 to #8 #10 to #2 1 1 • • — • Copper Set-Screw #12 to #8 #10 to #2 1 1 • — — • LEB-JYC LEC-JYC LEB-JYC-S LEC-JYC-S — — — — Copper Set-Screw #12 to #8 #10 to #2 1 1 • — — • "Y" Type Copper Set-Screw #12 to #8 #10 to #2 1 1 • — — • Ordering Information (1-Pole LEB/LEC and 2-Pole LEX/LEY for Class CC and Midget Fuses) * Insulating boots come included with breakaway version |