| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LEB-AC bảng dữ liệu(PDF) 4 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
LEB-AC bảng dữ liệu(HTML) 4 Page - Littelfuse |
|
4 / 6 page ![]() Littelfuse.com @ 2020 Littelfuse, Inc. Rev: 052720 4 of 6 POWR-GARD® Blocks and Holders IN-LINE WATERTIGHT FUSE HOLDERS STANDARD PART NUMBER BREAKAWAY PART NUMBER* FUSE TYPE LOAD TERMINAL SELECTION LINE TERMINAL SELECTION TERMINAL TYPE WIRE SIZE RANGE WIRES PER TERMINAL SOLID WIRE STRANDED WIRE TERMINAL TYPE WIRE SIZE RANGE WIRES PER TERMINAL SOLID WIRE STRANDED WIRE LET-AA LET-AA-S Solid Neutral Copper Crimp #12 to #8 #12 1 2 • • • • Copper Crimp #12 to #8 #12 1 2 • • • • LET-AB LET-AB-S Solid Neutral Copper Crimp #12 to #8 #12 1 2 • • • • Copper Crimp #10 #6 #4 2 1 1 • • — • • • LET-AYC LET-AYC-S Solid Neutral Copper Crimp #12 to #8 #12 1 2 • • • • “Y” Type Copper Set-Screw #12 to #8 #10 to #2 1 1 • — — • LET-BA LET-BA-S Solid Neutral Copper Crimp #10 #6 #4 2 1 1 • • — • • • Copper Crimp #12 to #8 #12 1 2 • • • • LET-BB LET-BB-S Solid Neutral Copper Crimp #10 #6 #4 2 1 1 • • — • • • Copper Crimp #10 #6 #4 2 • • — • • • 1 1 LET-BYC LET-BYC-S Solid Neutral Copper Crimp #10 #6 #4 2 1 1 • • — • • • “Y” Type Copper Set-Screw #12 to #8 #10 to #2 1 1 • — — • LET-JJ LET-JJ-S Solid Neutral Copper Set-Screw #12 to #8 #10 to #2 1 1 • — — • Copper Set-Screw #12 to #8 #10 to #2 1 1 • — — • LET-JYC LET-JYC-S Solid Neutral Copper Set-Screw #12 to #8 #10 to #2 1 1 • — — • “Y” Type Copper Set-Screw #12 to #8 #10 to #2 1 1 • — — • Ordering Information (Terminals) TERMINAL DESIGNATION TERMINAL DESCRIPTION WIRES PER TERMINAL WIRE RANGE SOLID WIRE STRANDED WIRE A Copper Crimp 1 #12-#8 • • 2 #12 • • B Copper Crimp 2 #10 • • 1 #6 • • 1 #4 — • C Copper Crimp 2 #8 • • 1 #4 — • D Copper Crimp 2 #6 • • 1 #2 — • J Copper Set-Screw 1 #12-#8 • — 1 #10-#2 — • Y (2 terminals) “Y” Style Copper Set-Screw 1 #12-#8 • — 1 #10-#2 — • Ordering Information (Solid Neutral LET Fuse Holders) Disclaimer Notice – Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for their own applications. Littelfuse products are not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at www.littelfuse.com/product-disclaimer. Disclaimer – Copper wire only * Insulating boots come included with breakaway version |