công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC10F206T bảng dữ liệu(PDF) 3 Page - Microchip Technology

tên linh kiện PIC10F206T
Giải thích chi tiết về linh kiện  6-Pin, 8-Bit Flash Microcontrollers
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F206T bảng dữ liệu(HTML) 3 Page - Microchip Technology

  PIC10F206T Datasheet HTML 1Page - Microchip Technology PIC10F206T Datasheet HTML 2Page - Microchip Technology PIC10F206T Datasheet HTML 3Page - Microchip Technology PIC10F206T Datasheet HTML 4Page - Microchip Technology PIC10F206T Datasheet HTML 5Page - Microchip Technology PIC10F206T Datasheet HTML 6Page - Microchip Technology PIC10F206T Datasheet HTML 7Page - Microchip Technology PIC10F206T Datasheet HTML 8Page - Microchip Technology PIC10F206T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 86 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41239B-page 1
PIC10F200/202/204/206
Devices Included In This Data Sheet:
•PIC10F200
•PIC10F202
•PIC10F204
•PIC10F206
High-Performance RISC CPU:
• Only 33 single-word instructions to learn
• All single-cycle instructions except for program
branches, which are two-cycle
• 12-bit wide instructions
• 2-level deep hardware stack
• Direct, Indirect and Relative Addressing modes
for data and instructions
• 8-bit wide data path
• 8 Special Function Hardware registers
• Operating speed:
- 4 MHz internal clock
-1
μs instruction cycle
Special Microcontroller Features:
• 4 MHz precision internal oscillator:
- Factory calibrated to ±1%
• In-Circuit Serial Programming™ (ICSP™)
• In-Circuit Debugging (ICD) support
• Power-on Reset (POR)
• Device Reset Timer (DRT)
• Watchdog Timer (WDT) with dedicated on-chip
RC oscillator for reliable operation
• Programmable code protection
• Multiplexed MCLR input pin
• Internal weak pull-ups on I/O pins
• Power-saving Sleep mode
• Wake-up from Sleep on pin change
Low-Power Features/CMOS Technology:
• Operating Current:
- < 350
μA @ 2V, 4 MHz
• Standby Current:
- 100 nA @ 2V, typical
• Low-power, high-speed Flash technology:
- 100,000 Flash endurance
- > 40 year retention
• Fully static design
• Wide operating voltage range: 2.0V to 5.5V
• Wide temperature range:
- Industrial: -40
°C to +85°C
- Extended: -40
°C to +125°C
Peripheral Features (PIC10F200/202):
• 4 I/O pins:
- 3 I/O pins with individual direction control
- 1 input only pin
- High current sink/source for direct LED drive
- Wake-on-change
- Weak pull-ups
• 8-bit real-time clock/counter (TMR0) with 8-bit
programmable prescaler
Peripheral Features (PIC10F204/206):
• 4 I/O pins:
- 3 I/O pins with individual direction control
- 1 input only pin
- High current sink/source for direct LED drive
- Wake-on-change
- Weak pull-ups
• 8-bit real-time clock/counter (TMR0) with 8-bit
programmable prescaler
• 1 Comparator:
- Internal absolute voltage reference
- Both comparator inputs visible externally
- Comparator output visible externally
6-Pin, 8-Bit Flash Microcontrollers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com