| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
124 bảng dữ liệu(PDF) 2 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
124 bảng dữ liệu(HTML) 2 Page - Littelfuse |
|
2 / 2 page ![]() Fuse Clip Datasheet © 2021 Littelfuse, Inc. Specifications are subject to change without notice. Revised: BA.08/24/21 2 High Current Cartridge Fuse Clips 124 Series > For For 10x38mm & 3AG/3AB Fuses Time TP TL TS(max) TS(min) 25 tP tL tS time to peak temperature Preheat Preheat Ramp-up Ramp-up Ramp-down Ramp-dow Critical Zone TL to TP Critical Zone TL to TP Wave Parameter Lead-Free Recommendation Preheat: (Depends on Flex Activation Temperature) (Typical Industry Recommendation) Temperature Minimum 100 ºC Temperature Maximum 150 ºC Preheat Time 60–180 seconds Solder Pot Temperature 260 ºC Maximum Solder Dwell Time 2–5 seconds Soldering Parameters–Wave Soldering Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for their own applications. Littelfuse products are not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at http://www.littelfuse.com/disclaimer-electronics. Recommended Hand-Solder Parameters: Solder Iron Temperature: 350 ºC +/- 5 ºC Heating Time: 5 seconds max. HC THT Clip–124061 .140 [3.56] .31 [0.79] .280 [7.11] R.02 [R0.51] .40x45 [1.02] CHAMFER .42 [10.67] .27 [6.86] 35º±5º .11 [2.79] R. 03 [R0.79] .060 [1.52] 90º SMT/Panel Mount Clip–124040 6.33 [0.249] 5.55 [0.219] ø3.45 [ø0.136] 11.10 [0.437] 1.50 x 45º CHAMFER 19.53 [0.769] 13.9 ± 0.1 13.9 ± 0.1 12.2 ± 0.1 R5.00 x 2 [R0.197] 5.50 [0.216] 12.74 [0.502] R2.20 [R0.087] Dia. 3.45 x 2 ± 0.1 6.21 [0.244] SCALE = 4:1 11.10 [0.437] Mounting Details Mounting Details THT Clip–124041 R0.50 [R0.020] 5.55 [0.219] ø3.45 [ø0.136] 4.80 [0.189] R0.50 x 4 [R0.020] 6.70 [0.264] 6.33 [0.249] ø1.50 x 4 [ø0.059] SCALE = 4:1 1.30 [0.051] R1.30 x 2 [R0.051] 14 [0.551] 1.50 x 45º CHAMFER 11.10 [0.437] 19.53 [0.769] 12.74 [0.502] 4.10 [0.161] R2.20 [R0.087] R1.50 [R0.059] 0.33 [0.013] 3.00 [0.118] 1.97 [0.078] 5.50 [0.216] R5.00 x 2 [R0.197] Mounting Details SMT Clip–124060 HC 35º±5º .040x45º (1.02) CHAMFER .42 [10.67] .27 [6.86] .031 [0.79] .280 [7.11] 90º R.03 [R0.79] .11 [2.79] 9.4 ± 0.1 11.4 ± 0.1 9.6 ± 0.1 13.7 ± 0.1 1.70 ± 0.1 3.50 ± 0.1 4 Holes 13.7 ± 0.1 12.7 ± 0.1 Mounting Details 13.3 ± 0.1 7.6 ± 0.1 Ø1.98 ± 0.05 x4 7.6 ± 0.1 HC THT Clip–124061 .140 [3.56] .31 [0.79] .280 [7.11] R.02 [R0.51] .40x45 [1.02] CHAMFER .42 [10.67] .27 [6.86] 35º±5º .11 [2.79] R. 03 [R0.79] .060 [1.52] 90º SMT/Panel Mount Clip–124040 6.33 [0.249] 5.55 [0.219] ø3.45 [ø0.136] 11.10 [0.437] 1.50 x 45º CHAMFER 19.53 [0.769] 13.9 ± 0.1 13.9 ± 0.1 12.2 ± 0.1 R5.00 x 2 [R0.197] 5.50 [0.216] 12.74 [0.502] R2.20 [R0.087] Dia. 3.45 x 2 ± 0.1 6.21 [0.244] SCALE = 4:1 11.10 [0.437] Mounting Details Mounting Details THT Clip–124041 R0.50 [R0.020] 5.55 [0.219] ø3.45 [ø0.136] 4.80 [0.189] R0.50 x 4 [R0.020] 6.70 [0.264] 6.33 [0.249] ø1.50 x 4 [ø0.059] SCALE = 4:1 1.30 [0.051] R1.30 x 2 [R0.051] 14 [0.551] 1.50 x 45º CHAMFER 11.10 [0.437] 19.53 [0.769] 12.74 [0.502] 4.10 [0.161] R2.20 [R0.087] R1.50 [R0.059] 0.33 [0.013] 3.00 [0.118] 1.97 [0.078] 5.50 [0.216] R5.00 x 2 [R0.197] Mounting Details SMT Clip–124060 HC 35º±5º .040x45º (1.02) CHAMFER .42 [10.67] .27 [6.86] .031 [0.79] .280 [7.11] 90º R.03 [R0.79] .11 [2.79] 9.4 ± 0.1 11.4 ± 0.1 9.6 ± 0.1 13.7 ± 0.1 1.70 ± 0.1 3.50 ± 0.1 4 Holes 13.7 ± 0.1 12.7 ± 0.1 Mounting Details 13.3 ± 0.1 7.6 ± 0.1 Ø1.98 ± 0.05 x4 7.6 ± 0.1 Product Dimensions (in mm) HC THT Clip–124061 .140 [3.56] .31 [0.79] .280 [7.11] R.02 [R0.51] .40x45 [1.02] CHAMFER .42 [10.67] .27 [6.86] 35º±5º .11 [2.79] R. 03 [R0.79] .060 [1.52] 90º SMT/Panel Mount Clip–124040 6.33 [0.249] 5.55 [0.219] ø3.45 [ø0.136] 11.10 [0.437] 1.50 x 45º CHAMFER 19.53 [0.769] 13.9 ± 0.1 13.9 ± 0.1 12.2 ± 0.1 R5.00 x 2 [R0.197] 5.50 [0.216] 12.74 [0.502] R2.20 [R0.087] Dia. 3.45 x 2 ± 0.1 6.21 [0.244] SCALE = 4:1 11.10 [0.437] Mounting Details Mounting Details THT Clip–124041 R0.50 [R0.020] 5.55 [0.219] ø3.45 [ø0.136] 4.80 [0.189] R0.50 x 4 [R0.020] 6.70 [0.264] 6.33 [0.249] ø1.50 x 4 [ø0.059] SCALE = 4:1 1.30 [0.051] R1.30 x 2 [R0.051] 14 [0.551] 1.50 x 45º CHAMFER 11.10 [0.437] 19.53 [0.769] 12.74 [0.502] 4.10 [0.161] R2.20 [R0.087] R1.50 [R0.059] 0.33 [0.013] 3.00 [0.118] 1.97 [0.078] 5.50 [0.216] R5.00 x 2 [R0.197] Mounting Details SMT Clip–124060 HC 35º±5º .040x45º (1.02) CHAMFER .42 [10.67] .27 [6.86] .031 [0.79] .280 [7.11] 90º R.03 [R0.79] .11 [2.79] 9.4 ± 0.1 11.4 ± 0.1 9.6 ± 0.1 13.7 ± 0.1 1.70 ± 0.1 3.50 ± 0.1 4 Holes 13.7 ± 0.1 12.7 ± 0.1 Mounting Details 13.3 ± 0.1 7.6 ± 0.1 Ø1.98 ± 0.05 x4 7.6 ± 0.1 Note * Contact Littelfuse for different path layout if the fuse sizes are different than 606 or 688. |