công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS15MB200 bảng dữ liệu(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
tên linh kiện DS15MB200
Giải thích chi tiết về linh kiện  Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS15MB200 bảng dữ liệu(HTML) 2 Page - National Semiconductor (TI)

  DS15MB200 Datasheet HTML 1Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 2Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 3Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 4Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 5Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 6Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 7Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 8Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Pin Descriptions
Pin
Name
LLP Pin
Number
I/O, Type
Description
SWITCH SIDE DIFFERENTIAL INPUTS
SIA_0+
SIA_0−
30
29
I, LVDS
Switch A-side Channel 0 inverting and non-inverting differential inputs. LVDS, Bus LVDS,
CML, or LVPECL compatible.
SIA_1+
SIA_1−
19
20
I, LVDS
Switch A-side Channel 1 inverting and non-inverting differential inputs. LVDS, Bus LVDS,
CML, or LVPECL compatible.
SIB_0+
SIB_0−
28
27
I, LVDS
Switch B-side Channel 0 inverting and non-inverting differential inputs. LVDS, Bus LVDS,
CML, or LVPECL compatible.
SIB_1+
SIB_1−
21
22
I, LVDS
Switch B-side Channel 1 inverting and non-inverting differential inputs. LVDS, Bus LVDS,
CML, or LVPECL compatible.
LINE SIDE DIFFERENTIAL INPUTS
LI_0+
LI_0−
40
39
I, LVDS
Line-side Channel 0 inverting and non-inverting differential inputs. LVDS, Bus LVDS, CML, or
LVPECL compatible.
LI_1+
LI_1−
9
10
I, LVDS
Line-side Channel 1 inverting and non-inverting differential inputs. LVDS, Bus LVDS, CML, or
LVPECL compatible.
SWITCH SIDE DIFFERENTIAL OUTPUTS
SOA_0+
SOA_0−
34
33
O, LVDS
Switch A-side Channel 0 inverting and non-inverting differential outputs. LVDS compatible
(Notes 1, 3).
SOA_1+
SOA_1−
15
16
O, LVDS
Switch A-side Channel 1 inverting and non-inverting differential outputs. LVDS compatible
(Notes 1, 3).
SOB_0+
SOB_0−
32
31
O, LVDS
Switch B-side Channel 0 inverting and non-inverting differential outputs. LVDS compatible
(Notes 1, 3).
SOB_1+
SOB_1−
17
18
O, LVDS
Switch B-side Channel 1 inverting and non-inverting differential outputs. LVDS compatible
(Notes 1, 3).
LINE SIDE DIFFERENTIAL OUTPUTS
LO_0+
LO_0−
42
41
O, LVDS
Line-side Channel 0 inverting and non-inverting differential outputs. LVDS compatible (Notes
1, 3).
LO_1+
LO_1−
7
8
O, LVDS
Line-side Channel 1 inverting and non-inverting differential outputs. LVDS compatible (Notes
1, 3).
DIGITAL CONTROL INTERFACE
MUX_S0
MUX_S1
38
11
I, LVTTL
Mux Select Control Inputs (per channel) to select which Switch-side input, A or B, is passed
through to the Line-side.
PREA_0
PREA_1
PREB_0
PREB_1
26
23
25
24
I, LVTTL
Output pre-emphasis control for Switch-side outputs. Each output driver on the Switch A-side
and B-side has a separate pin to control the pre-emphasis on or off.
PREL_0
PREL_1
44
5
I, LVTTL
Output pre-emphasis control for Line-side outputs. Each output driver on the Line A-side and
B-side has a separate pin to control the pre-emphasis on or off.
ENA_0
ENA_1
ENB_0
ENB_1
36
13
35
14
I, LVTTL
Output Enable Control for Switch A-side and B-side outputs. Each output driver on the A-side
and B-side has a separate enable pin.
ENL_0
ENL_1
45
4
I, LVTTL
Output Enable Control for The Line-side outputs. Each output driver on the Line-side has a
separate enable pin.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10