công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

4612 bảng dữ liệu(PDF) 5 Page - Shenzhen Tuofeng Semiconductor Technology Co

tên linh kiện 4612
Giải thích chi tiết về linh kiện  N and P-Channel Enhancement Mode Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Trang chủ  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

4612 bảng dữ liệu(HTML) 5 Page - Shenzhen Tuofeng Semiconductor Technology Co

  4612 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 4612 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 4612 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 4612 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 4612 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co 4612 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co 4612 Datasheet HTML 7Page - Shenzhen Tuofeng Semiconductor Technology Co 4612 Datasheet HTML 8Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Symbol
Min
Typ
Max
Units
BVDSS
-60
V
-1
IGSS
±100
nA
VGS(th)
-1
-2.1
-3
V
ID(ON)
-20
A
75
80
85
90
m
Ω
gFS
9S
VSD
-0.73
-1
V
IS
-3
A
Ciss
930
1120
pF
Coss
85
pF
Crss
35
pF
Rg
7.2
9
Ω
Qg(10V)
16
20
nC
Qg(4.5V)
810
nC
Qgs
2.5
nC
Qgd
3.2
nC
tD(on)
812
ns
tr
3.8
7.5
ns
tD(off)
31.5
48
ns
tf
7.5
15
ns
trr
27
35
ns
Qrr
32
nC
Body Diode Reverse Recovery Time
IF=-3.2A, dI/dt=100A/µs
Body Diode Reverse Recovery Charge IF=-3.2A, dI/dt=100A/µs
Turn-On DelayTime
VGS=-10V, VDS=-30V, RL=9.4Ω,
RGEN=3Ω
Turn-On Rise Time
Turn-Off DelayTime
Turn-Off Fall Time
Total Gate Charge (4.5V)
Gate Source Charge
Gate Drain Charge
SWITCHING PARAMETERS
Total Gate Charge (10V)
VGS=-10V, VDS=-30V, ID=-3.2A
Reverse Transfer Capacitance
Gate resistance
DYNAMIC PARAMETERS
Input Capacitance
VGS=0V, VDS=-30V, f=1MHz
VGS=0V, VDS=0V, f=1MHz
Diode Forward Voltage
IS=-1A,VGS=0V
Maximum Body-Diode Continuous Current
Output Capacitance
VDS=-5V, ID=-3.2A
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
VGS=-10V, ID=-3.2A
m
Ω
VGS=-4.5V, ID=-2.8A
Gate Threshold Voltage
VDS=VGS ID=-250µA
On state drain current
VGS=-10V, VDS=-5V
µA
Gate-Body leakage current
VDS=0V, VGS=±20V
Drain-Source Breakdown Voltage
ID=-250µA, VGS=0V
IDSS
Zero Gate Voltage Drain Current
VDS=-48V, VGS=0V
P-Channel Electrical Characteristics (T
J=25°C unless otherwise noted)
Parameter
Conditions
STATIC PARAMETERS
A: The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
value in any given application depends on the user's specific board design. The current rating is based on the t≤ 10s thermal resistance
rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
D. The static characteristics in Figures 1 to 6,12,14 are obtained using 80
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The
SOA curve provides a single pulse rating. Rev2: August 2005
A: The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
value in any given application depends on the user's specific board design. The current rating is based on the t≤ 10s thermal resistance
rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
D. The static characteristics in Figures 1 to 6,12,14 are obtained using 80
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The
SOA curve provides a single pulse rating.
Page
v1.0
5
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOP-8 Plastic-Encapsulate MOSFETS
4612
www.sztuofeng.com



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com