| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MP230 bảng dữ liệu(PDF) 1 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
MP230 bảng dữ liệu(HTML) 1 Page - Cirrus Logic |
|
1 / 5 page ![]() APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com 1 �������������������������������������������������������������� � � � � � � � � � � � � � � � ��������������������������� ����� FEATURES • LOW COST • HIGH VOLTAGE - 100 VOLTS • HIGH OUTPUT CURRENT - 30 AMPS • 210 WATT DISSIPATION CAPABILITY APPLICATIONS • MOTOR DRIVE • MAGNETIC DEFLECTION • PROGRAMMABLE POWER SUPPLIES • INDUSTRIAL AUDIO AMPLIFIER DESCRIPTION The MP230 operational amplifier is a surface mount con- structed component that provides a cost effective solution in many industrial applications. The MP230 offers outstanding performance that rivals many much more expensive hybrid components yet has a footprint of only 4.7 sq in. The MP230 has many optional features such as four-wire current limit sens- ing, a shutdown control and external compensation. In addition, the class A/B output stage biasing can be turned off for lower quiescent current with class C operation in applications where crossoverdistortionislessimportantsuchaswhendrivingmotors, for example. A boost voltage feature biases the output stage for close linear swings to the supply rail for extra efficient operation. The MP230 is built on a thermally conductive but electrically insulating substrate that can be mounted to a heat sink. EQUIVALENT CIRCUIT DIAGRAM 42-PIN DIP PACKAGE TYPE FC TYPICAL APPLICATION MOTOR POSITION CONTROL The MOSFET output stage of the MP230 provides superior SOA performance compared to bipolar output stages where secondary breakdown is a concern. The extended SOA is ideal in motor drive applications where the back EMF of the motor may impose simultaneously both high voltage and high current across the output stage transistors. In the figure above a mechanical to electrical feedback position converter allows the MP230 to drive the motor in either direction to a set point determined by the DAC voltage. EXTERNAL CONNECTIONS �� �� �� ��� �� �� ��� ��� ���� ���� �� ��� �� ��� ��� ��� ��� ��� ��� ��� ��� �� �� �� �� ��� ��� ��� �� ��� ��� �� �� �� �� �� ��� ��� � � � �� �� �� �� ��� � ��� �� ��� �� �� ��� �� �� ����� �� ��� ��� ��� ��� ����� ���� ����� ����� ����� ����� ���� ��� ��� ��� ��� ��� ��� � � ��� ��� �� � ��� ���� ���� ��� ��� ����� ��� ����� ��� ����� ��� ����� ��� ��� ��� ��� ��� ��� ��� ��� � � � � � � � � �� �� �� �� �� �� �� �� �� �� ��� ��� ��� �� ��� ����� ����� �� ������ ��������������������������������������������������������� ������������������������������������������������������� ���������������������������������������������������� �������������������������������������� ����������������������������������������������� ������������������������ ������������������ �������������� �� �� ����� ����� �� ����� ��� � �� �� �� � �� ���� � �� �� �� �� �� �� �� ��� ��� ��� ��� ��� ��� ��� ��� �� �� �� �� �� �� �� �� �� �� �� �� �� �� �� �� �� ��� ��� ��� ��� ��� ��� ��� ��� ��� ��� ��� ��� ������ �� �� �� ��� ��� �������� ������������ �������������� �� ����� ������ ��� ������ ��� �� ��� ��� ��� ��� �� �� �� ��� ��� � ��� �� � ���������� �������� ������� � ����� ����� �� �� ��� ��� ��� ��� ��� ��� ��� ��� ����� ����� � �������� �������� ����� ����� ���� �� ���� ���� ����� ����� ����� � ����� ����� ��� ��� ��� ��� |
Số phần tương tự - MP230 |
|
Mô tả tương tự - MP230 |