công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

QLSP03WNH bảng dữ liệu(PDF) 11 Page - Quelighting Corp

tên linh kiện QLSP03WNH
Giải thích chi tiết về linh kiện  The high output reflector type 3030 LEDs are available in warm white / neutral white / pure white and cold white to suit customer?셲 application.
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  QUELIGHTING [Quelighting Corp]
Trang chủ  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp

QLSP03WNH bảng dữ liệu(HTML) 11 Page - Quelighting Corp

Back Button QLSP03WNH Datasheet HTML 7Page - Quelighting Corp QLSP03WNH Datasheet HTML 8Page - Quelighting Corp QLSP03WNH Datasheet HTML 9Page - Quelighting Corp QLSP03WNH Datasheet HTML 10Page - Quelighting Corp QLSP03WNH Datasheet HTML 11Page - Quelighting Corp QLSP03WNH Datasheet HTML 12Page - Quelighting Corp QLSP03WNH Datasheet HTML 13Page - Quelighting Corp QLSP03WNH Datasheet HTML 14Page - Quelighting Corp QLSP03WNH Datasheet HTML 15Page - Quelighting Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
10
QLSP03WXH V1.1
Solder Profile:
-The recommended reflow soldering profile is as follows (temperatures indicated are as
measured on the surface of the LED resin):
-
When soldering LEDs,
-
Do not solder/reflow the same LED over two times.
-
Recommend soldering conditions:
Hand soldering: 350
℃ max , 3 sec. max.
Reflow soldering: Pre-heat 150 max , 180 sec. max.
℃
Peak 260 ma
℃ x , 10 sec. max.
-
Reflow temperature profile as below: (lead-free solder)
Time
90 ~ 220 Sec
Preheat Zone
200
220
Peak Temp. 260 C Max
10 Sec Max.
60 Sec Max.
260
Gradual Cooling
160
Soldering
Zone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15