| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EK56 bảng dữ liệu(PDF) 2 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
EK56 bảng dữ liệu(HTML) 2 Page - Cirrus Logic |
|
2 / 4 page ![]() 14. From the "DUT side" of the PCB snap the spacer- grom- mets into the holes at the four corners of the PCB. Notice that the holes are slightly rectangular and match the spacer- grommet's long and short sides to the holes in the PCB. 15. Apply a thin, uniform layer of thermal grease to the amplifier; a straight edge may be useful here. Position the amplifier over the mounting holes in the heatsink. Firmly push the amplifier onto the heatsink while slightly rotating the ampli- fier back and forth, ending with the mounting holes of the amplifier over the mounting holes in the heatsink. 16. Attach the amplifier to the heatsink with 4-40x½’ male- female hex spacers (not supplied). These spacers serve as alignment pins and aide in the assembly of the PCB to the heatsink. Alternatively, use 4-40x¼’ machine screws to mount the amplifier to the heatsink. Do not over-tighten the spacers or screws as this provides no thermal benefit and may break the hardware. 17. Place the PCB assembly on the heatsink/amplifier assembly so that the hex spacers come through the aligning holes near the corners of the amplifier location in the PCB. Care- fully lower the PCB assembly until the pins of the amplifier engage the cage jacks. Alternately, sight through the align- ing holes in the PCB and match-up the PCB to the screws used to mount the amplifier. In either case be sure the pins of the amplifier are engaged with the cage jacks and then continue pushing the PCB assembly in the area between the amplifier’s pins until the four spacer grommets at the four corners of the PCB touch the heatsink. At this point the PCB should not be bowed. 18. Using #8 X 1" sheet metal screws (not provided) mount the PCB to the heat sink at the four spacer-grommets. 19. Hook up power and signals as necessary. The amplifier is now ready for testing. FIGURE 1: SCHEMATIC DIAGRAM ASSEMBLY CONT. �� �� �� �� �� �� �� �� �� �� �� �� �� �� �� �� �� �� �� �� �� � � � � � � � �� �� �� �� �� �� �� �� �� �� �� �� �� �� �� �� �� � � ��� � � ��� ����� ��� ����� ��������� ��� ��� �� ���� �� �� �� �� �� �� �� �� �� ��������� ��� ��� ��� ����� ��� ����� ��� �� �� �� �� �� �� �� �� � � � � � � ������������������������ ����������� ������������������������������������ ������� �� �� ��������������������������������������������������������� ��� ��� ��� ��� ��� ��� ��� ����������������������������� ���������������������������������� � ����� � ����� ������ ������ ��� APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739 2 EVALUATION KIT FOR MSA240KC & MSA260KC EK56 |