| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
2201617 bảng dữ liệu(PDF) 21 Page - PHOENIX CONTACT |
|
|
|||||||||||||||||||||||||||||
2201617 bảng dữ liệu(HTML) 21 Page - PHOENIX CONTACT |
|
21 / 30 page ![]() ME PLC 40... 105504_en_01 PHOENIX CONTACT 21 6.2 Bus connector 10/10 6.2.1 Overview of the set 10/10 Figure 30 Overview of the set 10/10 6.2.2 Mounting • Solder the plug-in connectors A1, A2, and B1 onto your PCB. • Solder the two metal terminals onto your PCB. • Insert the PCB. • Put the top and bottom parts together. • Solder the plug-in connector B2 to the PCB of the hous- ing base ME PLC 40 B BUS 10/10 GY7035, 2201500. 6.2.3 Coding You have the option to codify the bus connector and the housing. This should prevent a housing being accidentally plugged onto the wrong bus connector. Figure 31 Coding option Coding sets in rectangular and drop form are available (see “Ordering data” on page 3). • Plug one part of the coding set into the opening of the bus connector. • The counter-part goes into the housing. Bus connector kit consisting of 2 x 10-pos. plug-in connec- tors, plastic upper part and base, plus metal clamp for mount- ing the DIN rail, PCB not included ME PLC 40 BUS 10/10 KIT BK 2201503 A1 A2 B2 B1 Observe the proper orientation of the PCB when inserting it into the housing. The housing base has raised supports on one side. The PCB side with the cut-out belongs on this side. |